Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADUCM3027BCBZ-R7 Datasheet(PDF) 6 Page - Analog Devices

Part # ADUCM3027BCBZ-R7
Description  Ultra Low Power Arm Cortex-M3 MCU with Integrated Power Management
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADUCM3027BCBZ-R7 Datasheet(HTML) 6 Page - Analog Devices

Back Button ADUCM3027BCBZ-R7 Datasheet HTML 2Page - Analog Devices ADUCM3027BCBZ-R7 Datasheet HTML 3Page - Analog Devices ADUCM3027BCBZ-R7 Datasheet HTML 4Page - Analog Devices ADUCM3027BCBZ-R7 Datasheet HTML 5Page - Analog Devices ADUCM3027BCBZ-R7 Datasheet HTML 6Page - Analog Devices ADUCM3027BCBZ-R7 Datasheet HTML 7Page - Analog Devices ADUCM3027BCBZ-R7 Datasheet HTML 8Page - Analog Devices ADUCM3027BCBZ-R7 Datasheet HTML 9Page - Analog Devices ADUCM3027BCBZ-R7 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 39 page
background image
ADuCM3027/ADuCM3029
Data Sheet
Rev. B | Page 6 of 39
Deep Sleep Modes—VBAT = 3.0 V
Table 6.
Parameter
Min Typ
Max
Unit Test Conditions/Comments
HIBERNATE MODE
VBAT = 3.0V
TJ = 25°C
0.75
µA
RTC1 and RTC0 disabled, 8 kB SRAM retained, LFXTAL off
0.77
µA
RTC1 and RTC0 disabled, 16 kB SRAM retained, LFXTAL off
0.79
µA
RTC1 and RTC0 disabled, 24 kB SRAM retained, LFXTAL off
0.81
µA
RTC1 and RTC0 disabled, 32 kB SRAM retained, LFXTAL off
0.78
µA
RTC1 enabled, 8 kB SRAM retained, LFOSC as source for RTC1
0.83
µA
RTC1 enabled, 8 kB SRAM retained, LFXTAL as source for RTC1
0.93
µA
RTC1 and RTC0 enabled, 8 kB SRAM retained, LFXTAL as source for RTC1 and RTC0
TJ = 85°C
2.0
6.05
µA
RTC1 and RTC0 disabled, 8 kB SRAM retained, LFXTAL off
2.4
6.4
µA
RTC1 and RTC0 disabled, 16 kB SRAM retained, LFXTAL off
2.6
6.75
µA
RTC1 and RTC0 disabled, 24 kB SRAM retained, LFXTAL off
3.0
7.1
µA
RTC1 and RTC0 disabled, 32 kB SRAM retained, LFXTAL off
2.05
6.1
µA
RTC1 enabled, 8 kB SRAM retained, LFOSC as source for RTC1
2.1
6.15
µA
RTC1 enabled, 8 kB SRAM retained, LFXTAL as source for RTC1
2.25
6.3
µA
RTC1 and RTC0 enabled, 8 kB SRAM retained, LFXTAL as source for RTC1 and RTC0
SHUTDOWN MODE1
VBAT = 3.0 V
TJ = 25°C
0.31
µA
RTC0 enabled, LFXTAL as source for RTC0
0.056
µA
RTC0 disabled
TJ = 85°C
0.49
1.180 µA
RTC0 enabled, LFXTAL as source for RTC0
0.26
0.95
µA
RTC0 disabled
1
Buck enable/disable does not affect power consumption.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com