Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CEC1712 Datasheet(PDF) 2 Page - Microchip Technology

Part # CEC1712
Description  Cryptographic Embedded Controller
PDF  338 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

CEC1712 Datasheet(HTML) 2 Page - Microchip Technology

  CEC1712 Datasheet HTML 1Page - Microchip Technology CEC1712 Datasheet HTML 2Page - Microchip Technology CEC1712 Datasheet HTML 3Page - Microchip Technology CEC1712 Datasheet HTML 4Page - Microchip Technology CEC1712 Datasheet HTML 5Page - Microchip Technology CEC1712 Datasheet HTML 6Page - Microchip Technology CEC1712 Datasheet HTML 7Page - Microchip Technology CEC1712 Datasheet HTML 8Page - Microchip Technology CEC1712 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 338 page
background image
CEC1712
DS00003416C-page 2
 2020-2021 Microchip Technology Inc.
Peripheral Features
• One Serial Peripheral Interface (SPI) Master Con-
troller
- Dual and Quad I/O Support
- Flexible Clock Rates
- Support for 1.8V and 3.3V slave devices
- SPI Burst Capable
- SPI Controller Operates with Internal DMA
Controller with CRC Generation
- Mappable to 2 ports (only 1 port active at a
time)
- SPI interface can be disabled after loading
code
• Internal DMA Controller
- Hardware or Firmware Flow Control
- Firmware Initiated Memory-to-Memory trans-
fers
- Hardware CRC-32 Generator on Channel 0
- 12-Hardware DMA Channels support five
SMBus Master/Slave Controllers and One
SPI Controller
• I2C/SMBus Controllers
- 5 I2C/SMBus controllers
- 3 I2C only controllers without the Network
layer
- 10 Configurable I2C ports
- Full Crossbar switch allows any port to be
connected to any controller
- Supports Promiscuous mode of operation
- Fully Operational on Standby Power
- Multi-Master Capable
- Supports Clock Stretching
- Programmable Bus Speeds
- 1 MHz Capable
- Supports DMA Network Layer
• General Purpose I/O Pins
- Inputs
- Asynchronous rising and falling edge
wakeup detection Interrupt High or Low
Level
- Outputs:
- Push Pull or Open Drain output
- Programmable power well emulation
- Pull up or pull down resistor control
- Automatically disabling pull-up resistors
when output driven low
- Automatically disabling pull-down resis-
tors when output driven high
- Programmable drive strength
- Two separate1.8V/3.3V configurable IO
regions
- Group or individual control of GPIO data
- 8 - Over voltage tolerant GPIO pins
- Glitch protection and Under-Voltage Protec-
tion on all GPIO pins
• Input Capture and Compare timer
- Six 32-bit Capture Registers
- 11 Input Pins (ICTx)
- Full Crossbar switch allows any port to be
connected to any capture register
- 32-bit Free-running timer
- One 32-bit Compare Register output
- Capture, Compare and Overflow Interrupts
• Universal Asynchronous Receiver Transmitter
(UART)
- Three High Speed NS16C550A Compatible
UARTs with Send/Receive 16-Byte FIFOs
- UART1 - Configurable 2-pin/4-pin
- UART2 - 2-pin
- UART3 - 2-pin
- Programmable Main Power or Standby
Power Functionality
- Standard Baud Rates to 115.2 Kbps, Custom
Baud Rates to 1.5 Mbps
• Programmable Timer Interface
- Two16-bit Auto-reloading Timer Instances
- 16 bit Pre-Scale divider
- Halt and Reload control
- Auto Reload
- Two 32-bit Auto-reloading Timer Instances
- 16 bit Pre-Scale divider
- Halt and Reload control
- Auto Reload
- Three Operating Modes per Instance: Timer
(Reload or Free-Running) or One-shot.
- Event Mode is not supported
• 32-bit RTOS Timer
- Runs Off 32kHz Clock Source
- Continues Counting in all the Chip Sleep
States regardless of Processor Sleep State
- Counter is Halted when Embedded Controller
is Halted (e.g., JTAG debugger active, break
points)
- Generates wake-capable interrupt event
• Watch Dog Timer (WDT)
- Generates an interrupt prior to resetting
• 6 Programmable Pulse Width Modulator (PWM)
outputs
- Multiple Clock Rates
- 16-Bit ON & 16-Bit OFF Counters
• 2 Fan Tachometer Inputs
- 16 Bit Resolution
• Breathing LED Interface
- Two Blinking/Breathing LEDs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com