Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CEC1712 Datasheet(PDF) 91 Page - Microchip Technology

Part # CEC1712
Description  Cryptographic Embedded Controller
PDF  338 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

CEC1712 Datasheet(HTML) 91 Page - Microchip Technology

Back Button CEC1712 Datasheet HTML 87Page - Microchip Technology CEC1712 Datasheet HTML 88Page - Microchip Technology CEC1712 Datasheet HTML 89Page - Microchip Technology CEC1712 Datasheet HTML 90Page - Microchip Technology CEC1712 Datasheet HTML 91Page - Microchip Technology CEC1712 Datasheet HTML 92Page - Microchip Technology CEC1712 Datasheet HTML 93Page - Microchip Technology CEC1712 Datasheet HTML 94Page - Microchip Technology CEC1712 Datasheet HTML 95Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 338 page
background image
 2020-2021 Microchip Technology Inc.
DS00003416C-page 91
CEC1712
6.4
Memory Map
The memory map of the RAM and ROM is represented as follows:
FIGURE 6-1:
MEMORY LAYOUT
32 K B R A M
224K B R A M
6 4 K B Bo ot R O M
0x0000_0000
0x0011_8000
0x 0000_FFF F
0x2000_0000
0x4000_0000
0x4001_FFFF
3 2 K B Alia s R A M
EC D ev ic e
R egisters
1M B
A R M B it B and
A lia s R A M R egion
0x2200_0000
Cry p to R AM
0x4010_0000
0x4010_57FF
0x 000E _0000
256KB m odel start address
0x 0011_FFF F
256KB end address
0x4008_0000
0x4008_FFFF
G P IO R egisters
0x400F_0000
0x400F_FFF F
H o st D evic e
R egisters
32M B
A R M B it B and
R e g is ter S pa c e
0x 4200_0000
0x 43 FF_FFF F
0x2000_7FFF
256KB end address
0x220F_FFF F
256KB m odel end address
0x4007_0000
0x 4007_1FFF
ESP I Prote c te d
Se gm e nt



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com