Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CEC1712 Datasheet(PDF) 49 Page - Microchip Technology

Part # CEC1712
Description  Cryptographic Embedded Controller
PDF  338 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

CEC1712 Datasheet(HTML) 49 Page - Microchip Technology

Back Button CEC1712 Datasheet HTML 45Page - Microchip Technology CEC1712 Datasheet HTML 46Page - Microchip Technology CEC1712 Datasheet HTML 47Page - Microchip Technology CEC1712 Datasheet HTML 48Page - Microchip Technology CEC1712 Datasheet HTML 49Page - Microchip Technology CEC1712 Datasheet HTML 50Page - Microchip Technology CEC1712 Datasheet HTML 51Page - Microchip Technology CEC1712 Datasheet HTML 52Page - Microchip Technology CEC1712 Datasheet HTML 53Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 338 page
background image
 2020-2021 Microchip Technology Inc.
DS00003416C-page 49
CEC1712
I2C-SMB
4
TEST
4000505C
I2C-SMB
4
Wake Status Register
40005060
I2C-SMB
4
Wake Enable Register
40005064
I2C-SMB
4
TEST
40005068
I2C-SMB
4
Slave address
4000506C
I2C-SMB
4
Promiscuous Interrupt
40005070
I2C-SMB
4
Promiscuous Interrupt Enable
40005074
I2C-SMB
4
Promiscuous Control
40005078
I2C
0
Control Register
40005100
I2C
0
Status Register
40005100
I2C
0
Own Address Register
40005104
I2C
0
Data Register
40005108
I2C
0
Repeated START Hold Time Register
40005118
I2C
0
Completion Register
40005120
I2C
0
Configuration Register
40005128
I2C
0
Bus Clock Register
4000512C
I2C
0
Block ID Register
40005130
I2C
0
Revision Register
40005134
I2C
0
Bit-Bang Control Register
40005138
I2C
0
TEST
4000513C
I2C
0
Data Timing Register
40005140
I2C
0
Time-Out Scaling Register
40005144
I2C
0
TEST
40005158
I2C
0
TEST
4000515C
I2C
0
Wake Status Register
40005160
I2C
0
Wake Enable Register
40005164
I2C
0
TEST
40005168
I2C
0
Slave address
4000516C
I2C
0
Promiscuous Interrupt
40005170
I2C
0
Promiscuous Interrupt Enable
40005174
I2C
0
Promiscuous Control
40005178
I2C
1
Control Register
40005200
I2C
1
Status Register
40005200
I2C
1
Own Address Register
40005204
I2C
1
Data Register
40005208
I2C
1
Repeated START Hold Time Register
40005218
I2C
1
Completion Register
40005220
I2C
1
Configuration Register
40005228
I2C
1
Bus Clock Register
4000522C
I2C
1
Block ID Register
40005230
I2C
1
Revision Register
40005234
I2C
1
Bit-Bang Control Register
40005238
I2C
1
TEST
4000523C
I2C
1
Data Timing Register
40005240
TABLE 3-5:
REGISTER MAP
Block
Instance
Register
Host
Type
Register
Address



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com