Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CEC1712 Datasheet(PDF) 39 Page - Microchip Technology

Part # CEC1712
Description  Cryptographic Embedded Controller
PDF  338 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

CEC1712 Datasheet(HTML) 39 Page - Microchip Technology

Back Button CEC1712 Datasheet HTML 35Page - Microchip Technology CEC1712 Datasheet HTML 36Page - Microchip Technology CEC1712 Datasheet HTML 37Page - Microchip Technology CEC1712 Datasheet HTML 38Page - Microchip Technology CEC1712 Datasheet HTML 39Page - Microchip Technology CEC1712 Datasheet HTML 40Page - Microchip Technology CEC1712 Datasheet HTML 41Page - Microchip Technology CEC1712 Datasheet HTML 42Page - Microchip Technology CEC1712 Datasheet HTML 43Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 338 page
background image
 2020-2021 Microchip Technology Inc.
DS00003416C-page 39
CEC1712
1
Quad Master
SPI Controller
QMSPI_INT
No
Master SPI Controller
Requires Servicing
91
2-19
Reserved
20
Capture Com-
pare Timer
CAPTURE TIMER
No
CCT Counter Event
146
21
Capture Com-
pare Timer
CAPTURE 0
No
CCT Capture 0 Event
147
22
Capture Com-
pare Timer
CAPTURE 1
No
CCT Capture 1 Event
148
23
Capture Com-
pare Timer
CAPTURE 2
No
CCT Capture 2 Event
149
24
Capture Com-
pare Timer
CAPTURE 3
No
CCT Capture 3 Event
150
25
Capture Com-
pare Timer
CAPTURE 4
No
CCT Capture 4 Event
151
26
Capture Com-
pare Timer
CAPTURE 5
No
CCT Capture 5 Event
152
27
Capture Com-
pare Timer
COMPARE 0
No
CCT Compare 0 Event
153
28
Capture Com-
pare Timer
COMPARE 1
No
CCT Compare 1 Event
154
29-
31
Reserved
GIRQ19
Reserved
11
103
GIRQ20
0-2
Reserved
3
OTP
READY_INTR
No
OTP ready interrupt
173
4-31
Reserved
GIRQ21
0-1
Reserved
13
2
WDT
WDT_INT
Yes
Watch Dog Timer Interupt
171
3
Week Alarm
WEEK_ALARM_INT
Yes
Week Alarm Interrupt.
114
4
Week Alarm
SUB-
_WEEK_ALARM_INT
Yes
Sub-Week Alarm Interrupt
115
5
Week Alarm
ONE_SECOND
Yes
Week Alarm - One Second
Interrupt
116
6
Week Alarm
SUB_SECOND
Yes
Week Alarm - Sub-second
Interrupt
117
7
Week Alarm
SYSPWR_PRES
Yes
System power present pin
interrupt
118
8
RTC
RTC
Yes
Real Time Clock Interrupt
119
9
RTC
RTC ALARM
Yes
Real Time Clock Alarm Inter-
rupt
120
10
Reserved
11
VBAT-Pow-
ered Control
Interface
VCI_IN0
Yes
VCI_IN0 Active-low Input Pin
Interrupt
122
TABLE 3-3:
GIRQ_MAPPING
Agg IRQ
Agg
Bits
HWB
Instance
Name
Interrupt Event
Wake
event
Source description
Agg
NVIC
Direct
NVIC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com