Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CEC1712 Datasheet(PDF) 85 Page - Microchip Technology

Part # CEC1712
Description  Cryptographic Embedded Controller
PDF  338 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

CEC1712 Datasheet(HTML) 85 Page - Microchip Technology

Back Button CEC1712 Datasheet HTML 81Page - Microchip Technology CEC1712 Datasheet HTML 82Page - Microchip Technology CEC1712 Datasheet HTML 83Page - Microchip Technology CEC1712 Datasheet HTML 84Page - Microchip Technology CEC1712 Datasheet HTML 85Page - Microchip Technology CEC1712 Datasheet HTML 86Page - Microchip Technology CEC1712 Datasheet HTML 87Page - Microchip Technology CEC1712 Datasheet HTML 88Page - Microchip Technology CEC1712 Datasheet HTML 89Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 338 page
background image
 2020-2021 Microchip Technology Inc.
DS00003416C-page 85
CEC1712
5.6
Power, Clocks and Reset
This section defines the Power, Clock, and Reset parameters of the block.
5.6.1
POWER DOMAINS
5.6.2
CLOCK INPUTS
5.6.2.1
Basic Clocking
The basic clocking comes from a free-running Clock signal provided from the chip level.
5.6.2.2
System Tick Clocking
The System Tick clocking is controlled by a signal from chip-level logic. It is the 48MHz divided by the following:
-((PROCESSOR_CLOCK_DIVIDE)x2)+1
5.6.2.3
Debug JTAG Clocking
The Debug JTAG clocking comes from chip-level logic, which may multiplex or gate this clock. See Section 5.10,
"Debugger Access Support".
5.6.2.4
Trace Clocking
The Clock for the Trace interface is identical to the 48MHz input.
5.6.3
RESETS
The reset interface from the chip level is given below.
5.7
Interrupts
The ARM M4 Based Embedded Controller is equipped with an Interrupt Interface to respond to interrupts. These inputs
go to the IP’s NVIC block after a small amount of hardware processing to ensure their detection at varying clock rates.
See Figure 5-1, "ARM M4 Based Embedded Controller I/O Block Diagram".
As shown in Figure 5-1, an Interrupt Aggregator block may exist at the chip level, to allow multiple related interrupts to
be grouped onto the same NVIC input, and so allowing them to be serviced using the same vector. This may allow the
same interrupt handler to be invoked for a group of related interrupt inputs. It may also be used to expand the total num-
ber of interrupt inputs that can be serviced.
The NMI (Non-Maskable Interrupt) connection is tied off and not used.
5.7.1
NVIC INTERRUPT INTERFACE
The NVIC interrupt unit can be wired to up to 240 interrupt inputs from the chip level. The interrupts that are actually
connected from the chip level are defined in the Interrupt section.
All NVIC interrupt inputs can be programmed as either pulse or level triggered. They can also be individually masked,
and individually assigned to their own hardware-managed priority level.
TABLE 5-1:
POWER SOURCES
Name
Description
VTR_CORE
The ARM M4 Based Embedded Controller is powered by VTR_CORE.
TABLE 5-2:
CLOCK INPUTS
Name
Description
48MHz
The clock source to the EC. Division of the clock rate is determined by
the PROCESSOR_CLOCK_DIVIDE field in the Processor Clock Control
Register.
TABLE 5-3:
RESET SIGNALS
Name
Description
RESET_EC
The ARM M4 Based Embedded Controller is reset by RESET_EC.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com