Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CEC1712 Datasheet(PDF) 72 Page - Microchip Technology

Part # CEC1712
Description  Cryptographic Embedded Controller
PDF  338 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

CEC1712 Datasheet(HTML) 72 Page - Microchip Technology

Back Button CEC1712 Datasheet HTML 68Page - Microchip Technology CEC1712 Datasheet HTML 69Page - Microchip Technology CEC1712 Datasheet HTML 70Page - Microchip Technology CEC1712 Datasheet HTML 71Page - Microchip Technology CEC1712 Datasheet HTML 72Page - Microchip Technology CEC1712 Datasheet HTML 73Page - Microchip Technology CEC1712 Datasheet HTML 74Page - Microchip Technology CEC1712 Datasheet HTML 75Page - Microchip Technology CEC1712 Datasheet HTML 76Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 338 page
background image
CEC1712
DS00003416C-page 72
 2020-2021 Microchip Technology Inc.
The following table defines a block’s power management protocol:
A wake event clears all SLEEP_ENABLE bits momentarily, and then returns the SLEEP_ENABLE bits back to their orig-
inal state. The block that needs to respond to the wake event will do so.
The Sleep Enable, Clock Required and Reset Enable Registers are defined in Section 4.8.
4.7.2
CONFIGURING THE CHIP’S SLEEP STATES
The chip supports two sleep states: LIGHT SLEEP and HEAVY SLEEP. The chip will enter one of these two sleep states
only when all the blocks have been commanded to sleep and none of them require a 48MHz clock source (i.e., all
CLOCK_REQUIRED status bits are 0), and the processor has executed its sleep instruction. These sleep states must
be selected by firmware via the System Sleep Control bits implemented in the System Sleep Control Register prior to
issuing the sleep instruction. Table 4-9, "System Sleep Modes" defines each of these sleep states.
There are two ways to command the chip blocks to enter sleep.
1.
Assert the SLEEP_ALL bit located in the System Sleep Control Register
2.
Assert all the individual block sleep enable bits
Blocks will only enter sleep after their sleep signal is asserted and they no longer require the 48MHz source. Each block
has a corresponding clock required status bit indicating when the block has entered sleep. The general operation is that
a block will keep the 48MHz clock source on until it completes its current transaction. Once the block has completed its
work, it deasserts its clock required signal. Blocks like timers, PWMs, etc. will de-assert their clock required signals
immediately. See the individual block Low Power Mode sections to determine how each individual block enters sleep.
4.7.3
DETERMINING WHEN THE CHIP IS SLEEPING
The TST_CLK_OUT pin can be used to verify the chip’s clock has stopped, which indicates the device is in LIGHT
SLEEP or HEAVY SLEEP, as determined by the System Sleep Control Register. If the clock is toggling the chip is in the
full on running state. if the clock is not toggling the chip has entered the programmed sleep state.
4.7.4
WAKING THE CHIP FROM SLEEPING STATE
The chip will remain in the configured sleep state until it detects either a wake event or a full VTR_CORE POR. A wake
event occurs when a wake-capable interrupt is enabled and triggered. Interrupts that are not wake-capable cannot occur
while the system is in LIGHT SLEEP or HEAVY SLEEP.
In LIGHT SLEEP, the 48MHz clock domain is gated off, but the 48 MHz PLL remains operational and locked to the
32KHz clock domain. On wake, the PLL output is ungated and the 48MHz clock domain starts immediately, with the
PLL_LOCK bit in the Oscillator ID Register set to ‘1’. Any device that requires an accurate clock, such as a UART, may
be used immediately on wake.
TABLE 4-7:
POWER MANAGEMENT PROTOCOL
Power State
SLEEP_ENABLE CLOCK_REQUIRED
Description
Normal operation
Low
Low
Block is idle and NOT requesting clocks. The block
gates its own internal clock.
Normal operation
Low
High
Block is NOT idle and requests clocks.
Request sleep
Rising Edge
Low
Block is IDLE and enters sleep mode immediately. The
block gates its own internal clock. The block cannot
request clocks again until SLEEP_ENABLE goes low.
Request sleep
Rising Edge
High then Low
Block is not IDLE and will stop requesting clocks and
enter sleep when it finishes what it is doing. This delay
is block specific, but should be less than 1 ms. The
block gates its own internal clock. After driving
CLOCK_REQUIRED low, the block cannot request
clocks again until SLEEP_ENABLE goes low.
Register Access
X
High
Register access to a block is always available regard-
less of SLEEP_ENABLE. Therefore the block ungates
its internal clock and drives CLOCK_REQUIRED high
during the access. The block will regate its internal
clock and drive CLOCK_REQUIRED low when the
access is done.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com