Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CEC1712 Datasheet(PDF) 40 Page - Microchip Technology

Part # CEC1712
Description  Cryptographic Embedded Controller
PDF  338 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

CEC1712 Datasheet(HTML) 40 Page - Microchip Technology

Back Button CEC1712 Datasheet HTML 36Page - Microchip Technology CEC1712 Datasheet HTML 37Page - Microchip Technology CEC1712 Datasheet HTML 38Page - Microchip Technology CEC1712 Datasheet HTML 39Page - Microchip Technology CEC1712 Datasheet HTML 40Page - Microchip Technology CEC1712 Datasheet HTML 41Page - Microchip Technology CEC1712 Datasheet HTML 42Page - Microchip Technology CEC1712 Datasheet HTML 43Page - Microchip Technology CEC1712 Datasheet HTML 44Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 338 page
background image
CEC1712
DS00003416C-page 40
 2020-2021 Microchip Technology Inc.
14
VBAT-Pow-
ered Control
Interface
VCI_IN3
Yes
VCI_IN3 Active-low Input Pin
Interrupt
125
15-
31
Reserved
GIRQ22
0
Reserved
N/A
N/A
1
SMB-I2C
Controller0
SMB-I2C _WAKE_ONLY
Yes
Wake-Only Event (No Interrupt
Generated) - SMB-I2C.0
START Detected
2
SMB-I2C
Controller1
SMB-I2C _WAKE_ONLY
Yes
Wake-Only Event (No Interrupt
Generated) - SMB-I2C.1
START Detected
3
SMB-I2C
Controller2
SMB-I2C _WAKE_ONLY
Yes
Wake-Only Event (No Interrupt
Generated) - SMB-I2C.2
START Detected
4
SMB-I2C
Controller3
SMB-I2C _WAKE_ONLY
Yes
Wake-Only Event (No Interrupt
Generated) - SMB-I2C.3
START Detected
5
SMB-I2C
Controller4
SMB-I2C _WAKE_ONLY
Yes
Wake-Only Event (No Interrupt
Generated) - SMB-I2C.4
START Detected
6
I2C Control-
ler5
I2C
Yes
Slave I2C Controller 5 Wake
Event
7
I2C Control-
ler6
I2C
Yes
Slave I2C Controller 6 Wake
Event
8
I2C Control-
ler7
I2C
Yes
Slave I2C Controller 7 Wake
Event
6-31
Reserved
GIRQ23
0
16-Bit Basic
Timer 0
Timer_16_0
No
Basic Timer Event
14
136
1
16-Bit Basic
Timer 1
Timer_16_1
No
Basic Timer Event
137
2-3
Reserved
4
32-Bit Basic
Timer 0
Timer_32_0
No
Basic Timer Event
140
5
32-Bit Basic
Timer 1
Timer_32_1
No
Basic Timer Event
141
6-9
Reserved
10
RTOS Timer
RTOS_TIMER
Yes
32-bit RTOS Timer Event
111
11
RTOS Timer
SWI_0
No
Soft Interrupt request 0
12
RTOS Timer
SWI_1
No
Soft Interrupt request 1
13
RTOS Timer
SWI_2
No
Soft Interrupt request 2
14
RTOS Timer
SWI_3
No
Soft Interrupt request 3
15
Reserved
16
Hibernation
Timer0
HTIMER
Yes
Hibernation Timer Event
112
17
Hibernation
Timer1
HTIMER
Yes
Hibernation Timer Event
113
TABLE 3-3:
GIRQ_MAPPING
Agg IRQ
Agg
Bits
HWB
Instance
Name
Interrupt Event
Wake
event
Source description
Agg
NVIC
Direct
NVIC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com