Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CEC1712 Datasheet(PDF) 13 Page - Microchip Technology

Part # CEC1712
Description  Cryptographic Embedded Controller
PDF  338 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

CEC1712 Datasheet(HTML) 13 Page - Microchip Technology

Back Button CEC1712 Datasheet HTML 9Page - Microchip Technology CEC1712 Datasheet HTML 10Page - Microchip Technology CEC1712 Datasheet HTML 11Page - Microchip Technology CEC1712 Datasheet HTML 12Page - Microchip Technology CEC1712 Datasheet HTML 13Page - Microchip Technology CEC1712 Datasheet HTML 14Page - Microchip Technology CEC1712 Datasheet HTML 15Page - Microchip Technology CEC1712 Datasheet HTML 16Page - Microchip Technology CEC1712 Datasheet HTML 17Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 338 page
background image
 2020-2021 Microchip Technology Inc.
DS00003416C-page 13
CEC1712
2.4.3
BUFFER TYPES
The Buffer Type column defines the type of Buffer associated with each signal. Some pins have signals with two different
buffer types sharing the pin; in this case, table shows the buffer type for each of the signals that share the pin.
Input signals muxed with GPIOs are marked as “I”
Output signals muxed with GPIOs are marked as “PIO”, because the GPIO input path is always active even when the
alternate function selected is “output only”. So the GPIO input can be read to see the level of the output signal.
Pad Types are defined in the Section 33.0, "Electrical Specifications," on page 306.
• I/O Pad Types are defined in Section 33.2.4, "DC Electrical Characteristics for I/O Buffers," on page 308.
• The abbreviation “PWR” is used to denote power pins. The power supplies are defined in Section 33.2.1, "Power
Supply Operational Characteristics," on page 306.
2.4.4
GLITCH PROTECTION
Pins with glitch protection are glitch-free tristate pins and will not drive out while their associated power rail is rising.
These glitch-free tristate pins require either an external pull-up or pull-down to set the state of the pin high or low.
All pins are glitch protected.
2.4.5
OVER-VOLTAGE PROTECTION
If a pin is over-voltage protected (over-voltage protection = YES) then the following is true: If the pad is powered by 1.8V
+/- 5% (operational) it can tolerate up to 3.63V on the pad. This allows for a pull-up to 3.3V power rail +/- 10%. If the
pad is powered by 3.3V +/- 5% (operational) it can tolerate up to 5.5V on the pad. This allows for a pull-up to 5.0V power
rail +/- 10%.
If a pin is not over-voltage protected (over-voltage protection = NO) then the following is true: If the pad is powered by
1.8V +/- 5% (operational), it can tolerate up to 1.8V +10% (i.e., +1.98V max). If the pad is powered by 3.3V +/- 5% (oper-
ational) it can tolerate up to 3.3V +10% (i.e., +3.63V max).
2.4.6
UNDER-VOLTAGE PROTECTION
Pins that are identified as having Under-voltage PROTECTION may be configured so they will not sink excess current
if powered by 3.3V and externally pulled up to 1.8V. The following configuration requirements must be met.
• If the pad is an output only pad type and it is configured as either open drain or the output is disabled.
• If the pin is a GPIO pin with a PIO pad type then is must be configured as open drain output with the input dis-
abled. The input is disabled by setting the GPIO Power Gating Signals (PGS) bits to 11b.
All pins are under voltage protected.
2.4.7
BACKDRIVE PROTECTION
Assuming that the external voltage on the pin is within the parameters defined for the specific pad type, the backdrive
protected pin will not sink excess current when it is at a lower potential than the external circuit. There are two cases
where this occurs:
• The pad power is off and the external circuit is powered
• The pad power is on and the external circuitry is pulled to a higher potential than the pad power. This may occur
on 3.3V powered pads that are 5V tolerant or on 1.8V powered pads that are 3.6V tolerant.
2.4.8
EMULATED POWER WELL
Power well emulation for GPIOs and for signals that are multiplexed with GPIO signals is controlled by the Power Gating
Signals (PGS) option in the GPIO Pin Control Register. The Emulated Power Well column in the Pin Multiplexing table
defines the power gating programming options supported for each signal.
Note:
If the pin needs to default low, a 1M ohm (max) external pull-down is required.
Note:
The power rail must rise monotonically in order for glitch protection to operate.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com