Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CEC1712 Datasheet(PDF) 32 Page - Microchip Technology

Part # CEC1712
Description  Cryptographic Embedded Controller
PDF  338 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

CEC1712 Datasheet(HTML) 32 Page - Microchip Technology

Back Button CEC1712 Datasheet HTML 28Page - Microchip Technology CEC1712 Datasheet HTML 29Page - Microchip Technology CEC1712 Datasheet HTML 30Page - Microchip Technology CEC1712 Datasheet HTML 31Page - Microchip Technology CEC1712 Datasheet HTML 32Page - Microchip Technology CEC1712 Datasheet HTML 33Page - Microchip Technology CEC1712 Datasheet HTML 34Page - Microchip Technology CEC1712 Datasheet HTML 35Page - Microchip Technology CEC1712 Datasheet HTML 36Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 338 page
background image
CEC1712
DS00003416C-page 32
 2020-2021 Microchip Technology Inc.
3.2
Block Overview and Base Addresses
Table 3-1, "Base address" lists all the IP components, referred to as Blocks, implemented in the design. The registers
implemented in each block are accessible by the embedded controller (EC) at an offset from the Base Address shown
in Table 3-1, "Base address". The registers can also be accessed by various hosts in the system as below
1.
I2C : I2C host access is handled by firmware
2.
JTAG : JTAG port has access to all the registers defined in Table 3-1, "Base address".
TABLE 3-1:
BASE ADDRESS
Feature
Instance
Logical Device Number
Base Address
Watchdog Timer
4000_0400h
16-bit Basic Timer
0
4000_0C00h
16-bit Basic Timer
1
4000_0C20h
32-bit Basic Timer
0
4000_0C80h
32-bit Basic Timer
1
4000_0CA0h
Capture-Compare Timers
4000_1000h
DMA Controller
4000_2400h
SMB-I2C Controller
0
4000_4000h
SMB-I2C Controller
1
4000_4400h
SMB-I2C Controller
2
4000_4800h
SMB-I2C Controller
3
4000_4C00h
SMB-I2C Controller
4
4000_5000h
I2C Controller
5
4000_5100h
I2C Controller
6
4000_5200h
I2C Controller
7
4000_5300h
Quad Master SPI
4007_0000h
16-bit PWM
0
4000_5800h
16-bit PWM
2
4000_5820h
16-bit PWM
3
4000_5830h
16-bit PWM
5
4000_5850h
16-bit PWM
6
4000_5860h
16-bit PWM
7
4000_5870h
16-bit Tach
0
4000_6000h
16-bit Tach
1
4000_6010h
RTOS Timer
4000_7400h
ADC
4000_7C00h
Trace FIFO
4000_8C00h
Hibernation Timer
0
4000_9800h
Hibernation Timer
1
4000_9820h
VBAT Register Bank
4000_A400h
VBAT Powered RAM
4000_A800h
Week Timer
4000_AC80h
VBAT-Powered Control Interface
4000_AE00h
Blinking-Breathing LED
0
4000_B800h
Blinking-Breathing LED
1
4000_B900h
Interrupt Aggregator
4000_E000h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com