Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SST26VF040A-80I/SNVAO Datasheet(PDF) 18 Page - Microchip Technology

Part # SST26VF040A-80I/SNVAO
Description  2.5V/3.0V 4-Mbit Serial Quad I/O??(SQI?? Flash Memory
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SST26VF040A-80I/SNVAO Datasheet(HTML) 18 Page - Microchip Technology

Back Button SST26VF040A-80I/SNVAO Datasheet HTML 14Page - Microchip Technology SST26VF040A-80I/SNVAO Datasheet HTML 15Page - Microchip Technology SST26VF040A-80I/SNVAO Datasheet HTML 16Page - Microchip Technology SST26VF040A-80I/SNVAO Datasheet HTML 17Page - Microchip Technology SST26VF040A-80I/SNVAO Datasheet HTML 18Page - Microchip Technology SST26VF040A-80I/SNVAO Datasheet HTML 19Page - Microchip Technology SST26VF040A-80I/SNVAO Datasheet HTML 20Page - Microchip Technology SST26VF040A-80I/SNVAO Datasheet HTML 21Page - Microchip Technology SST26VF040A-80I/SNVAO Datasheet HTML 22Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 73 page
background image
 2020-2021 Microchip Technology Inc.
DS20006292B-page 18
SST26VF040A
FIGURE 5-5:
RESET QUAD I/O SEQUENCE (SQI)
5.6
High-Speed Read
The High-Speed Read instruction, 0BH, is supported in
both SPI bus protocol and SQI protocol. This instruc-
tion supports frequencies of up to 104 MHz from
2.7V-3.6V and up to 80 MHz from 2.3V-3.6V. On
power-up, the device is set to use SPI.
Initiate High-Speed Read by executing an 8-bit
command, 0BH, followed by address bits A[23:0] and a
dummy byte. CE# must remain active-low for the
duration of the High-Speed Read cycle. See Figure 5-6
for the High-Speed Read sequence for SPI bus
protocol.
FIGURE 5-6:
HIGH-SPEED READ SEQUENCE (SPI) (C[1:0] = 0BH)
In SQI protocol, the host drives CE# low then sends
one High-Speed Read command cycle, 0BH, followed
by three address cycles, a Set Mode configuration
cycle, and two dummy cycles. Each cycle is two nibbles
(clocks) long, Most Significant nibble first.
After the dummy cycles, the device outputs data on the
falling edge of the SCK signal starting from the
specified address location. The device continually
streams data output through all addresses until
terminated by a low-to-high transition on CE#. The
internal Address Pointer automatically increments until
the highest memory address is reached, at which point
the Address Pointer returns to address location
000000H. During this operation, blocks that are
read-locked will output data 00H.
The Set Mode Configuration bit M[7:0] indicates if the
next instruction cycle is another SQI High-Speed Read
command.
When M[7:0] = AXH, the device expects the next
continuous instruction to be another read command,
0BH, and does not require the opcode to be entered
again. The host may initiate the next read cycle by
driving CE# low, then sending the 4-bit input for
address A[23:0],
followed
by
the
Set
Mode
Configuration bits M[7:0], and two dummy cycles. After
the two dummy cycles, the device outputs the data
starting from the specified address location. There are
no restrictions on address location access.
When M[7:0] is any value other than AXH, the device
expects the next instruction initiated to be a command
instruction. To reset/exit the Set Mode configuration,
execute the Reset Quad I/O command, FFH. While in
the Set Mode configuration, the RSTQIO command will
only return the device to a state where it can accept a
new command instruction. An additional RSTQIO is
required to reset the device to SPI mode. See
Figure 5-10 for the SPI Quad I/O Mode Read sequence
when M[7:0] = AXH.
MODE 3
0
1
SCK
SIO[3:0]
CE#
F
F
MODE 0
CE#
SO/SIO1
SI/SIO0
SCK
ADD.
012 34 5 6 7 8
ADD.
ADD.
0B
High-Impedance
15 16
23 24
31 32
39 40
47 48
55 56
63 64
N+2
N+3
N+4
N
N+1
X
MSB
MODE 0
MODE 3
DOUT
DOUT
DOUT
DOUT
80
71 72
DOUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com