Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SST26VF040A-80I/SNVAO Datasheet(PDF) 6 Page - Microchip Technology

Part # SST26VF040A-80I/SNVAO
Description  2.5V/3.0V 4-Mbit Serial Quad I/O??(SQI?? Flash Memory
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SST26VF040A-80I/SNVAO Datasheet(HTML) 6 Page - Microchip Technology

Back Button SST26VF040A-80I/SNVAO Datasheet HTML 2Page - Microchip Technology SST26VF040A-80I/SNVAO Datasheet HTML 3Page - Microchip Technology SST26VF040A-80I/SNVAO Datasheet HTML 4Page - Microchip Technology SST26VF040A-80I/SNVAO Datasheet HTML 5Page - Microchip Technology SST26VF040A-80I/SNVAO Datasheet HTML 6Page - Microchip Technology SST26VF040A-80I/SNVAO Datasheet HTML 7Page - Microchip Technology SST26VF040A-80I/SNVAO Datasheet HTML 8Page - Microchip Technology SST26VF040A-80I/SNVAO Datasheet HTML 9Page - Microchip Technology SST26VF040A-80I/SNVAO Datasheet HTML 10Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 73 page
background image
 2020-2021 Microchip Technology Inc.
DS20006292B-page 6
SST26VF040A
4.1
Device Protection
SST26VF040A offers a software write protection
scheme that allows group protection of selected blocks
in memory array. The Write Protection Pin (WP#)
enables or disables the lock-down (BPL bit) of the
STATUS
register.
In
addition,
the
Lock-Down
Protection Settings command also prevents any
changes to the block protection setting (BP0, BP1 and
BP2) during device operation. To avoid inadvertent
writes during power-up, the device is write-protected by
default after a Power-on Reset cycle.
4.1.1
GROUP BLOCK PROTECTION
The Block Protection bits (BP0, BP1, BP2, and BPL) in
the STATUS register provide write protection to the
memory array and the STATUS register. See Table 4-4
for the Block Protection description.
4.1.2
VOLATILE LOCK PROTECTION
To prevent changes to the Block Protection settings,
use the Lock-Down Protection Settings (LDPS)
command to enable Volatile Lock Protection. Once
Volatile Lock Protection is enabled, the Block
Protection settings cannot be changed. To avoid
inadvertent lock-down, the WREN command must be
executed prior to the LDPS command. To reset Volatile
Lock Protection, performing a hardware Reset or
power cycle on the device is required. The Volatile Lock
Protection status may be read from the Configuration
register.
4.2
Hardware Write Protection
The hardware Write Protection pin (WP#) is used in
conjunction with the WPEN and IOC bits in the
Configuration register to enable the lock-down function
of the BPL bit (bit 7) in the STATUS register and the
Configuration register. The WP# pin function only
works in SPI Single-Bit and Dual-Bit Read mode when
the IOC bit in the Configuration register is set to ‘0’. The
WP# pin function is disabled when the WPEN bit in the
Configuration register is ‘0’. This allows installation of
the device in a system with a grounded WP# pin while
still enabling write to the BP bits in the STATUS
register.
The factory default setting at power-up of the WPEN bit
is ‘0’, disabling the Write-Protect function of the
WP# pin after power-up. WPEN is a nonvolatile bit;
once the bit is set to ‘1’, the Write-Protect function of
the WP# pin continues to be enabled after power-up.
The WP# pin only protects the BPL bit in the STATUS
register and Configuration register from changes.
Therefore, if the WP# pin is set to low while an internal
write is in progress, it will have no effect on the write
command. The IOC bit takes priority over the WPEN bit
in the Configuration register. When the IOC bit is ‘1’, the
function of the WP# pin is disabled and the WPEN bit
serves no function. When WP# is driven low and IOC
bit = 0, the execution of the Write STATUS Register
(WRSR) instruction to change the BP bits in the STATUS
register is determined by the value of the BPL bit (see
Table 4-1). When WP# is high, the lock-down function
of the BPL bit is disabled.
TABLE 4-1:
WRITE PROTECTION LOCK-DOWN STATES
VLP
WP#
IOC
WPEN
BPL
WRSR Instruction to Change BP0,
BP1, BP2, BP3 Bits in STATUS
Register
WRSR Instruction to
Change Configuration
Register
0
L
00
X
Allowed
Allowed
0
L
01
0
Allowed
Not Allowed
0
L
01
1
Not Allowed
Not Allowed
0
L
1X
X
Allowed
Allowed
0
H
XX
X
Allowed
Allowed
1
L
00
X
Not Allowed
Allowed
1
L
01
X
Not Allowed
Not Allowed
1
L
1X
X
Not Allowed
Allowed
1
H
XX
X
Not Allowed
Allowed
Note:
X = “Don’t care”



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com