Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SST26VF040A-80I/SNVAO Datasheet(PDF) 36 Page - Microchip Technology

Part # SST26VF040A-80I/SNVAO
Description  2.5V/3.0V 4-Mbit Serial Quad I/O??(SQI?? Flash Memory
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SST26VF040A-80I/SNVAO Datasheet(HTML) 36 Page - Microchip Technology

Back Button SST26VF040A-80I/SNVAO Datasheet HTML 32Page - Microchip Technology SST26VF040A-80I/SNVAO Datasheet HTML 33Page - Microchip Technology SST26VF040A-80I/SNVAO Datasheet HTML 34Page - Microchip Technology SST26VF040A-80I/SNVAO Datasheet HTML 35Page - Microchip Technology SST26VF040A-80I/SNVAO Datasheet HTML 36Page - Microchip Technology SST26VF040A-80I/SNVAO Datasheet HTML 37Page - Microchip Technology SST26VF040A-80I/SNVAO Datasheet HTML 38Page - Microchip Technology SST26VF040A-80I/SNVAO Datasheet HTML 39Page - Microchip Technology SST26VF040A-80I/SNVAO Datasheet HTML 40Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 73 page
background image
 2020-2021 Microchip Technology Inc.
DS20006292B-page 36
SST26VF040A
5.32
Write Disable (WRDI)
The Write Disable (WRDI) instruction sets the Write
Enable Latch bit in the STATUS register to ‘0’, prevent-
ing write operations. The WRDI instruction is ignored
during any internal write operations. Any write opera-
tion started before executing WRDI will complete. Drive
CE# high before executing WRDI.
To execute a Write Disable, the host drives CE# low,
sends the Write Disable command cycle (04H), then
drives CE# high. See Figures 5-36 and 5-37.
FIGURE 5-36:
WRITE DISABLE (WRDI) SEQUENCE (SQI)
FIGURE 5-37:
WRITE DISABLE (WRDI) SEQUENCE (SPI)
MODE 3
0
1
SCK
SIO[3:0]
CE#
04
MODE 0
CE#
SO
SI
SCK
0 1 234 5 6 7
04
High-Impedance
MODE 0
MODE 3
MSB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com