Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SST26VF040A-80I/SNVAO Datasheet(PDF) 7 Page - Microchip Technology

Part # SST26VF040A-80I/SNVAO
Description  2.5V/3.0V 4-Mbit Serial Quad I/O??(SQI?? Flash Memory
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SST26VF040A-80I/SNVAO Datasheet(HTML) 7 Page - Microchip Technology

Back Button SST26VF040A-80I/SNVAO Datasheet HTML 3Page - Microchip Technology SST26VF040A-80I/SNVAO Datasheet HTML 4Page - Microchip Technology SST26VF040A-80I/SNVAO Datasheet HTML 5Page - Microchip Technology SST26VF040A-80I/SNVAO Datasheet HTML 6Page - Microchip Technology SST26VF040A-80I/SNVAO Datasheet HTML 7Page - Microchip Technology SST26VF040A-80I/SNVAO Datasheet HTML 8Page - Microchip Technology SST26VF040A-80I/SNVAO Datasheet HTML 9Page - Microchip Technology SST26VF040A-80I/SNVAO Datasheet HTML 10Page - Microchip Technology SST26VF040A-80I/SNVAO Datasheet HTML 11Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 73 page
background image
 2020-2021 Microchip Technology Inc.
DS20006292B-page 7
SST26VF040A
4.3
Security ID
SST26VF040A offers a 2-Kbyte Security ID (Sec ID)
feature. The Security ID space is divided into two parts:
one factory-programmed, 128-bit segment, and one
user-programmable segment.
The factory-programmed segment is programmed
during part manufacture with a unique number and
cannot be changed. The user-programmable segment
is left unprogrammed for the customer to program as
desired.
Use the Program Security ID (PSID) command to
program the Security ID using the address shown in
Table 5-5. The Security ID can be locked using the
Lockout Security ID (LSID) command. This prevents
any future write operations to the Security ID.
The factory-programmed portion of the Security ID can
not be programmed by the user; neither the
factory-programmed nor user-programmable areas
can be erased.
4.4
Hold Operation
The HOLD# pin pauses active serial sequences
without resetting the clocking sequence. This pin is
active after every power-up and only operates
during SPI Single-bit and Dual-bit modes.
SST26VF040A ships with the IOC bit set to ‘0’ and the
HOLD# pin function enabled. The HOLD# pin is always
disabled in SQI mode and only works in SPI Single-bit
and Dual-bit Read mode.
To activate the Hold mode, CE# must be in active-low
state. The Hold mode begins when the SCK active-low
state coincides with the falling edge of the HOLD#
signal. The Hold mode ends when the HOLD# signal’s
rising edge coincides with the SCK active-low state.
If the falling edge of the HOLD# signal does not
coincide with the SCK active-low state, then the device
enters Hold mode when the SCK next reaches the
active-low state. Similarly, if the rising edge of the
HOLD# signal does not coincide with the SCK
active-low state, then the device exits Hold mode when
the SCK next reaches the active-low state. See
Figure 4-3.
Once the device enters Hold mode, SO will be in
high-impedance state while SI and SCK can be VIL or
VIH.
If CE# is driven active-high during a Hold condition, it
resets the internal logic of the device. As long as
HOLD# signal is low, the memory remains in the Hold
condition. To resume communication with the device,
HOLD# must be driven active-high, and CE# must be
driven active-low.
FIGURE 4-3:
HOLD CONDITION WAVEFORM
4.5
Reset Operation
If the RST#/HOLD#SIO3 pin is used as a Reset pin,
RST# pin provides a hardware method for resetting the
device. SST26VF040A supports both hardware and
software Reset operation. Hardware Reset is only
allowed using SPI x1 and x2 protocol. Software Reset
commands 66H and 99H are supported in all protocols.
See Table 4-2 and for Figure 4-4 for hardware and
software Reset functionality.
Depending on the prior operation, the Reset timing may
vary. Recovery from a write operation requires more
latency time than recovery from other operations.
4.5.1
HARDWARE RESET OPERATION
To configure the RESET#/HOLD#/SIO3 pin as a
RESET# pin, bit 6 of the Configuration register must be
set to ‘1’. The factory default setting of bit 6 is
‘0’-HOLD# pin enabled. This is a nonvolatile bit, so the
register value at power-up will be the value prior to
power-down. Driving the RESET# pin high puts the
device in normal operating mode. The RESET# pin
must be driven low for a minimum of TRST time to reset
the device. The SIO1 pin (SO) is in high-impedance
state while the device is in Reset. A successful Reset
operation will reset the protocol to SPI mode, STATUS
register bits will become as follows: BUSY = 0,
WEL = 0, BP0 = 1, BP1 = 1, BP2 = 1 and BPL = 0;
reset the burst length to 8 bytes. Reset during an active
program or erase operation aborts the operation and
data of the targeted address range may be corrupted or
lost due to the aborted erase or program operation.
Active
Hold
Active
Hold
Active
SCK
HOLD#
Note:
A device Reset during an active program
or erase operation aborts the operation
and data of the targeted address range
may be corrupted or lost due to the
aborted erase or program operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com