Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SST26VF040A-80I/SNVAO Datasheet(PDF) 40 Page - Microchip Technology

Part # SST26VF040A-80I/SNVAO
Description  2.5V/3.0V 4-Mbit Serial Quad I/O??(SQI?? Flash Memory
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SST26VF040A-80I/SNVAO Datasheet(HTML) 40 Page - Microchip Technology

Back Button SST26VF040A-80I/SNVAO Datasheet HTML 36Page - Microchip Technology SST26VF040A-80I/SNVAO Datasheet HTML 37Page - Microchip Technology SST26VF040A-80I/SNVAO Datasheet HTML 38Page - Microchip Technology SST26VF040A-80I/SNVAO Datasheet HTML 39Page - Microchip Technology SST26VF040A-80I/SNVAO Datasheet HTML 40Page - Microchip Technology SST26VF040A-80I/SNVAO Datasheet HTML 41Page - Microchip Technology SST26VF040A-80I/SNVAO Datasheet HTML 42Page - Microchip Technology SST26VF040A-80I/SNVAO Datasheet HTML 43Page - Microchip Technology SST26VF040A-80I/SNVAO Datasheet HTML 44Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 73 page
background image
 2020-2021 Microchip Technology Inc.
DS20006292B-page 40
SST26VF040A
6.0
ELECTRICAL SPECIFICATIONS
Absolute Maximum Ratings (†)
Temperature under bias ..........................................................................................................................-55°C to +125°C
Storage temperature ...............................................................................................................................-65°C to +150°C
DC voltage on any pin to ground potential...........................................................................................-0.5V to VDD+0.5V
Transient voltage (<20 ns) on any pin to ground potential ...................................................................-2.0V to VDD+2.0V
Package power dissipation capability (TA = 25°C)....................................................................................................1.0W
Surface mount solder reflow temperature.......................................................................................260°C for 10 seconds
Output short circuit current(1) ..................................................................................................................................50 mA
6.1
Power-Up Specifications
All functionalities and DC specifications are specified
for a VDD ramp rate of greater than 1V per 100 ms
(0V to 3.0V in less than 300 ms). See Table 6-3 and
Figure 6-1 for more information.
When VDD drops from the operating voltage to below
the minimum VDD threshold at power-down, all opera-
tions are disabled and the device does not respond to
commands. Data corruption may result if a power-down
occurs while a write registers, program, or erase oper-
ation is in progress. See Figure 6-2.
† NOTICE: Stresses above those listed under “Absolute Maximum Ratings” may cause permanent damage to the
device. This is a stress rating only and functional operation of the device at those or any other conditions above those
indicated in the operational listings of this specification is not implied. Exposure to maximum rating conditions for
extended periods may affect device reliability.
Note 1: Output shorted for no more than one second. No more than one output shorted at a time.
TABLE 6-1:
OPERATING RANGE
Range
Ambient Temp.
VDD
Industrial
-40°C to +85°C
2.3V-3.6V
Extended(1)
-40°C to +125°C
Note 1: Maximum operating frequency for
Extended temperature is 80 MHz.
TABLE 6-2:
AC CONDITIONS OF TEST(1)
Input Rise/Fall Time
Output Load
3ns
CL =30pF
Note 1: See Figure 8-6.
TABLE 6-3:
RECOMMENDED SYSTEM POWER-UP/POWER-DOWN TIMINGS
Symbol
Parameter
Minimum
Maximum
Units
Condition
TPU-READ(1)
VDD Minimum to Read Operation
100
—
µs
TPU-WRITE(1) VDD Minimum to Write Operation
100
—
µs
TPD(1)
Power-Down Duration
100
—
ms
VOFF
VDD Off
—
0.3
V
0V recommended
Note 1: This parameter is measured only for initial qualification and after a design or process change that could
affect this parameter.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com