Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SST26VF040A-80I/SNVAO Datasheet(PDF) 1 Page - Microchip Technology

Part # SST26VF040A-80I/SNVAO
Description  2.5V/3.0V 4-Mbit Serial Quad I/O??(SQI?? Flash Memory
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SST26VF040A-80I/SNVAO Datasheet(HTML) 1 Page - Microchip Technology

  SST26VF040A-80I/SNVAO Datasheet HTML 1Page - Microchip Technology SST26VF040A-80I/SNVAO Datasheet HTML 2Page - Microchip Technology SST26VF040A-80I/SNVAO Datasheet HTML 3Page - Microchip Technology SST26VF040A-80I/SNVAO Datasheet HTML 4Page - Microchip Technology SST26VF040A-80I/SNVAO Datasheet HTML 5Page - Microchip Technology SST26VF040A-80I/SNVAO Datasheet HTML 6Page - Microchip Technology SST26VF040A-80I/SNVAO Datasheet HTML 7Page - Microchip Technology SST26VF040A-80I/SNVAO Datasheet HTML 8Page - Microchip Technology SST26VF040A-80I/SNVAO Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 73 page
background image
 2020-2021 Microchip Technology Inc.
DS20006292B-page 1
Features
• Single Voltage Read and Write Operations:
- 2.7V-3.6V or 2.3V-3.6V
• Serial Interface Architecture:
- Nibble-wide multiplexed I/O’s with SPI-like
serial command structure:
- Mode 0 and Mode 3
- x1/x2/x4 Serial Peripheral Interface (SPI) Protocol
• High-Speed Clock Frequency:
- 2.7V-3.6V: 104 MHz maximum (Industrial)
- 2.3V-3.6V: 80 MHz maximum (Industrial and
Extended)
• Burst Modes:
- Continuous linear burst
- 8/16/32/64-byte linear burst with wrap-around
• Superior Reliability:
- Endurance: 100,000 cycles (minimum)
- Greater than 100 years data retention
• Low-Power Consumption:
- Active Read current: 15 mA (typical @
104 MHz)
- Standby Current: 15 µA (typical)
• Fast Erase Time:
- Sector/Block Erase: 20 ms (typical), 25 ms
(maximum)
- Chip Erase: 40 ms (typical), 50 ms
(maximum)
• Page-Program:
- 256 bytes per page in x1 or x4 mode
• End-of-Write Detection:
- Software polling the BUSY bit in STATUS
register
• Flexible Erase Capability:
- Uniform 4-Kbyte sectors
- Uniform 32-Kbyte overlay blocks
- Uniform 64-Kbyte overlay blocks
• Write-Suspend:
- Suspend program or erase operation to
access another block/sector
• Software Reset (RST) mode
• Software Write Protection:
- Write protection through Block Protection bits
in STATUS register
• Security ID:
- One-Time-Programmable (OTP) 2-Kbyte
Secure ID:
- 128-bit unique, factory preprogrammed
identifier
- User-programmable area
• Temperature Range:
- Industrial: -40°C to +85°C
- Extended: -40°C to +125°C
• Automotive AEC-Q100 Qualified
• Packages Available:
- 8-contact WDFN (6 mm x 5 mm)
- 8-lead SOIC (3.90 mm)
• All Devices are RoHS Compliant
Product Description
The Serial Quad I/O™ (SQI™) family of Flash memory
devices features a six-wire, 4-bit I/O interface that
allows for low-power, high-performance operation in a
low pin count package. SST26VF040A also supports
full command-set compatibility to traditional Serial
Peripheral Interface (SPI) protocol. System designs
using SQI Flash devices occupy less board space and
ultimately lower system costs.
All members of the 26 Series, SQI family are manufac-
tured with proprietary, high-performance CMOS Super-
Flash® technology. The split-gate cell design and
thick-oxide tunneling injector attain better reliability and
manufacturability compared with alternate approaches.
SST26VF040A significantly improves performance and
reliability, while lowering power consumption. These
devices write (Program or Erase) with a single-power
supply of 2.3V-3.6V. The total energy consumed is a
function of the applied voltage, current and time of
application. Since for any given voltage range, the
SuperFlash technology uses less current to program
and has a shorter erase time, the total energy
consumed during any erase or program operation is
less than alternative Flash memory technologies.
See Figure 2-1 for pin assignments.
SST26VF040A
2.5V/3.0V 4-Mbit Serial Quad I/O™ (SQI™) Flash Memory


Similar Part No. - SST26VF040A-80I/SNVAO

ManufacturerPart #DatasheetDescription
logo
Silicon Storage Technol...
SST26VF016 SST-SST26VF016 Datasheet
1Mb / 39P
Serial Quad I/O (SQI) Flash Memory
SST26VF016 SST-SST26VF016 Datasheet
386Kb / 39P
Serial Quad I/O SQI Flash Memory
SST26VF016-80-5I-QE SST-SST26VF016-80-5I-QE Datasheet
1Mb / 39P
Serial Quad I/O (SQI) Flash Memory
SST26VF016-80-5I-S2E SST-SST26VF016-80-5I-S2E Datasheet
1Mb / 39P
Serial Quad I/O (SQI) Flash Memory
logo
Microchip Technology
SST26VF016B MICROCHIP-SST26VF016B Datasheet
2Mb / 77P
2.5V/3.0V 16 Mbit Serial Quad I/O (SQI) Flash Memory
01/27/15
More results

Similar Description - SST26VF040A-80I/SNVAO

ManufacturerPart #DatasheetDescription
logo
Silicon Storage Technol...
SST26VF016 SST-SST26VF016 Datasheet
1Mb / 39P
Serial Quad I/O (SQI) Flash Memory
logo
Microchip Technology
SST26VF064B MICROCHIP-SST26VF064B Datasheet
1Mb / 76P
3.0V Serial Quad I/O (SQI) Flash Memory
2013
logo
Silicon Storage Technol...
SST26VF016 SST-SST26VF016_13 Datasheet
386Kb / 39P
Serial Quad I/O SQI Flash Memory
logo
Microchip Technology
SST26WF016B MICROCHIP-SST26WF016B Datasheet
1,021Kb / 75P
1.8V 16 Mbit Serial Quad I/O (SQI) Flash Memory
2014
SST26VF064B MICROCHIP-SST26VF064B_15 Datasheet
3Mb / 85P
2.5V/3.0V 64 Mbit Serial Quad I/O (SQI) Flash Memory
07/14/15
SST26VF032B MICROCHIP-SST26VF032B Datasheet
927Kb / 77P
2.5V/3.0V 32 Mbit Serial Quad I/O (SQI) Flash Memory
07/14/15
SST26VF016B MICROCHIP-SST26VF016B Datasheet
2Mb / 77P
2.5V/3.0V 16 Mbit Serial Quad I/O (SQI) Flash Memory
01/27/15
SST26VF080A MICROCHIP-SST26VF080A Datasheet
792Kb / 72P
2.5V/3.0V 8-Mbit Serial Quad I/O??(SQI?? Flash Memory
02/28/20
SST26VF064B MICROCHIP-SST26VF064B_V01 Datasheet
1Mb / 90P
2.5V/3.0V 64-Mbit Serial Quad I/O??(SQI?? Flash Memory
09/14/21
SST26VF020A MICROCHIP-SST26VF020A Datasheet
2Mb / 74P
2.5V/3.0V 2-Mbit Serial Quad I/O™ (SQI™) Flash Memory
Revision C / October 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com