Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SST26VF040A-80I/SNVAO Datasheet(PDF) 16 Page - Microchip Technology

Part # SST26VF040A-80I/SNVAO
Description  2.5V/3.0V 4-Mbit Serial Quad I/O??(SQI?? Flash Memory
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SST26VF040A-80I/SNVAO Datasheet(HTML) 16 Page - Microchip Technology

Back Button SST26VF040A-80I/SNVAO Datasheet HTML 12Page - Microchip Technology SST26VF040A-80I/SNVAO Datasheet HTML 13Page - Microchip Technology SST26VF040A-80I/SNVAO Datasheet HTML 14Page - Microchip Technology SST26VF040A-80I/SNVAO Datasheet HTML 15Page - Microchip Technology SST26VF040A-80I/SNVAO Datasheet HTML 16Page - Microchip Technology SST26VF040A-80I/SNVAO Datasheet HTML 17Page - Microchip Technology SST26VF040A-80I/SNVAO Datasheet HTML 18Page - Microchip Technology SST26VF040A-80I/SNVAO Datasheet HTML 19Page - Microchip Technology SST26VF040A-80I/SNVAO Datasheet HTML 20Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 73 page
background image
 2020-2021 Microchip Technology Inc.
DS20006292B-page 16
SST26VF040A
FIGURE 5-1:
RESET SEQUENCE
5.3
Read (40 MHz)
The READ instruction, 03H, is supported in SPI bus
protocol only with clock frequencies up to 40 MHz.
This command is not supported in SQI bus protocol.
The device outputs the data starting from the specified
address location, then continuously streams the data
output through all addresses until terminated by a
low-to-high transition on CE#. The internal Address
Pointer will automatically increment until the highest
memory address is reached. Once the highest memory
address is reached, the Address Pointer will
automatically return to the beginning (wrap-around) of
the address space.
Initiate the READ instruction by executing an 8-bit
command, 03H, followed by address bits A[23:0].
CE# must remain active-low for the duration of the
Read cycle. See Figure 5-2 for the Read sequence.
FIGURE 5-2:
READ SEQUENCE (SPI)
Note: C[1:0] = 66H; C[3:2] = 99H
MODE 3
CLK
SIO[3:0]
CE#
MODE 3
C1
C3 C2
C0
MODE 0
MODE 3
MODE 0
MODE 0
TCPH
CE#
SO
SI
SCK
ADD.
0 1 234 5 6 78
ADD.
ADD.
03
High-Impedance
15 16
23 24
31 32
39 40
70
47 48
55 56
63 64
N+2
N+3
N+4
N
N+1
DOUT
MSB
MSB
MSB
MODE 0
MODE 3
DOUT
DOUT
DOUT
DOUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com