Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SST26VF040A-80I/SNVAO Datasheet(PDF) 25 Page - Microchip Technology

Part # SST26VF040A-80I/SNVAO
Description  2.5V/3.0V 4-Mbit Serial Quad I/O??(SQI?? Flash Memory
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SST26VF040A-80I/SNVAO Datasheet(HTML) 25 Page - Microchip Technology

Back Button SST26VF040A-80I/SNVAO Datasheet HTML 21Page - Microchip Technology SST26VF040A-80I/SNVAO Datasheet HTML 22Page - Microchip Technology SST26VF040A-80I/SNVAO Datasheet HTML 23Page - Microchip Technology SST26VF040A-80I/SNVAO Datasheet HTML 24Page - Microchip Technology SST26VF040A-80I/SNVAO Datasheet HTML 25Page - Microchip Technology SST26VF040A-80I/SNVAO Datasheet HTML 26Page - Microchip Technology SST26VF040A-80I/SNVAO Datasheet HTML 27Page - Microchip Technology SST26VF040A-80I/SNVAO Datasheet HTML 28Page - Microchip Technology SST26VF040A-80I/SNVAO Datasheet HTML 29Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 73 page
background image
 2020-2021 Microchip Technology Inc.
DS20006292B-page 25
SST26VF040A
5.14
JEDEC ID Read (SPI Protocol)
Using traditional SPI protocol, the JEDEC ID Read
instruction identifies the device as SST26VF040A and
the manufacturer as Microchip. To execute a JEDEC ID
operation the host drives CE# low then sends the
JEDEC ID command cycle (9FH).
Immediately
following
the
command
cycle,
SST26VF040A output data on the falling edge of the
SCK signal. The data output stream is continuous until
terminated by a low-to-high transition on CE#. The
device outputs three bytes of data: manufacturer,
device type, and device ID, see Table 5-4. See
Figure 5-16 for instruction sequence.
FIGURE 5-16:
JEDEC ID SEQUENCE (SPI)
5.15
Read Quad J-ID Read (SQI
Protocol)
The Read Quad J-ID Read instruction identifies the
device as SST26VF040A and manufacturer as
Microchip. To execute a Quad J-ID operation the host
drives CE# low and then sends the Quad J-ID
command cycle (AFH). Each cycle is two nibbles
(clocks) long, Most Significant nibble first.
Immediately following the command cycle and one
dummy cycle, SST26VF040A outputs data on the
falling edge of the SCK signal. The data output stream
is continuous until terminated by a low-to-high
transition of CE#. The device outputs three bytes of
data: manufacturer, device type, and device ID, see
Table 5-4. See Figure 5-17 for instruction sequence.
FIGURE 5-17:
QUAD J-ID READ SEQUENCE
TABLE 5-4:
DEVICE ID DATA OUTPUT
Product
Manufacturer ID (Byte 1)
Device ID
Device Type (Byte 2)
Device ID (Byte 3)
SST26VF040A
BFH
26H
14H
26
Device ID
CE#
SO
SI
SCK
012345678
High-Impedance
15 16
14
28 29 30 31
BF
MODE 3
MODE 0
MSB
MSB
9 10 11 1213
1718
32
34
9F
19 20 21 22 23
33
24 25 26 27
BFH
Device ID
Dummy
BFH
MSN
LSN
26H
26H
N
01
2
SCK
SIO[3:0]
CE#
C1
C0
X
X
H0
L0
H1
L1
H0
L1
H1
L0
HN
LN
78
11
10
913
12
N
MODE 3
MODE 0
34
5
6
H2
L2
Note:
MSN = Most Significant Nibble, LSN = Least Significant Nibble, C[1:0] = AFH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com