Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SST26VF040A-80I/SNVAO Datasheet(PDF) 31 Page - Microchip Technology

Part # SST26VF040A-80I/SNVAO
Description  2.5V/3.0V 4-Mbit Serial Quad I/O??(SQI?? Flash Memory
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SST26VF040A-80I/SNVAO Datasheet(HTML) 31 Page - Microchip Technology

Back Button SST26VF040A-80I/SNVAO Datasheet HTML 27Page - Microchip Technology SST26VF040A-80I/SNVAO Datasheet HTML 28Page - Microchip Technology SST26VF040A-80I/SNVAO Datasheet HTML 29Page - Microchip Technology SST26VF040A-80I/SNVAO Datasheet HTML 30Page - Microchip Technology SST26VF040A-80I/SNVAO Datasheet HTML 31Page - Microchip Technology SST26VF040A-80I/SNVAO Datasheet HTML 32Page - Microchip Technology SST26VF040A-80I/SNVAO Datasheet HTML 33Page - Microchip Technology SST26VF040A-80I/SNVAO Datasheet HTML 34Page - Microchip Technology SST26VF040A-80I/SNVAO Datasheet HTML 35Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 73 page
background image
 2020-2021 Microchip Technology Inc.
DS20006292B-page 31
SST26VF040A
5.21
SPI Quad Page Program
The SPI Quad Page Program instruction programs up
to 256 bytes of data in the memory. The data for the
selected page address must be in the erased state
(FFH) before initiating the SPI Quad Page Program
operation. A SPI Quad Page Program applied to a
protected memory area will be ignored. SST26VF040A
requires the ICO bit in the Configuration register to be
set to ‘1’ prior to executing the command. Prior to the
program operation, execute the WREN instruction.
To execute a SPI Quad Page Program operation, the
host drives CE# low then sends the SPI Quad Page
Program command cycle (32H), three address cycles
followed by the data to be programmed, then drives
CE# high. The programmed data must be between 1 to
256 bytes and in whole-byte increments. The com-
mand cycle is eight clocks long, the address and data
cycles are each two clocks long, Most Significant bit
first. Poll the BUSY bit in the STATUS register, or wait
TPP for the completion of the internal, self-timed, write
operation. See Figure 5-29.
When executing SPI Quad Page Program, the memory
range for the SST26VF040A is divided into 256-byte
page boundaries. The device handles shifting of more
than 256 bytes of data by maintaining the last
256 bytes of data as the correct data to be
programmed. If the target address for the SPI Quad
Page Program instruction is not the beginning of the
page boundary (A[7:0] are not all zero), and the of
bytes of data input exceeds or overlaps the end of the
address of the page boundary, the excess data inputs
wrap-around and will be programmed at the start of that
target page.
FIGURE 5-29:
SPI QUAD PAGE-PROGRAM SEQUENCE
5.22
Write Suspend and Write Resume
Write Suspend allows the interruption of Sector Erase,
32-Kbyte Block Erase, 64-Kbyte Block Erase, SPI
Quad Page Program, or Page Program operations in
order to erase, program or read data in another portion
of memory. The original operation can be continued
with the Write Resume command. This operation is
supported in both SQI and SPI protocols.
Only one write operation can be suspended at a time;
if an operation is already suspended, the device will
ignore the Write Suspend command. Write Suspend
during Chip Erase is ignored; Chip Erase is not a valid
command while a write is suspended.
The Write Resume command is ignored until any write
operation (Program or Erase) initiated during the Write
Suspend is complete. The device requires a minimum
of 500 µs between each Write Suspend command.
A20A16A12 A8 A4 A0 b4 b0
CE#
SIO0
SCK
012345678
16 17
12
MODE 3
MODE 0
910 11
32H
SIO1
SIO2
SIO3
Address
Data
Byte 1
15
13 14
A21 A17A13 A9 A5 A1 b5 b1 b5 b1
b5 b1
A22 A18A14A10 A6 A2 b6 b2 b6 b2
b6 b2
A23 A19 A15 A11 A7 A3 b7 b3 b7 b3
b7 b3
Data
Byte 0
Data
Byte
255
MSN LSN
b4 b0
b4 b0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com