Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADUCM4050BCPZ-R7 Datasheet(PDF) 26 Page - Analog Devices

Part # ADUCM4050BCPZ-R7
Description  Ultra Low Power ARM Cortex-M4F MCU with Integrated Power Management
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADUCM4050BCPZ-R7 Datasheet(HTML) 26 Page - Analog Devices

Back Button ADUCM4050BCPZ-R7 Datasheet HTML 22Page - Analog Devices ADUCM4050BCPZ-R7 Datasheet HTML 23Page - Analog Devices ADUCM4050BCPZ-R7 Datasheet HTML 24Page - Analog Devices ADUCM4050BCPZ-R7 Datasheet HTML 25Page - Analog Devices ADUCM4050BCPZ-R7 Datasheet HTML 26Page - Analog Devices ADUCM4050BCPZ-R7 Datasheet HTML 27Page - Analog Devices ADUCM4050BCPZ-R7 Datasheet HTML 28Page - Analog Devices ADUCM4050BCPZ-R7 Datasheet HTML 29Page - Analog Devices ADUCM4050BCPZ-R7 Datasheet HTML 30Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 46 page
background image
ADuCM4050
Data Sheet
Rev. A | Page 26 of 46
TYPICAL PERFORMANCE CHARACTERISTICS
Figure 16 through Figure 21 show the typical current voltage characteristics for the output drivers of the MCU. The curves represent the
current drive capability of the output drivers as a function of output voltage.
0.9
1.0
1.2
1.4
1.6
1.1
1.3
1.5
1.7
1.8
–5
–4
–3
–2
–1
0
1
2
3
4
5
0
0.1
0.2
0.3
0.4
0.5
0.6
VOH (V)
VOL (V)
VOH, VBAT = 1.74V
VOL, VBAT = 1.74V
VOH TYPE A
VOH TYPE B
VOH TYPE C
VOH TYPE D
VOL TYPE A
VOL TYPE B
VOL TYPE C
VOL TYPE D
Figure 16. Output Double Drive Strength Characteristics (VBAT = 1.74 V)
1.1
1.2
1.3
1.4
1.5
1.6
1.7
1.8
–2.5
–2.0
–1.5
–1.0
–0.5
0
0.5
1.0
1.5
2.0
2.5
0
0.1
0.2
0.3
0.4
0.5
0.6
VOH (V)
VOL (V)
VOH, VBAT = 1.74V
VOL, VBAT = 1.74V
VOH TYPE A
VOH TYPE B
VOH TYPE C
VOH TYPE D
VOL TYPE A
VOL TYPE B
VOL TYPE C
VOL TYPE D
Figure 17. Output Single Drive Strength Characteristics (VBAT = 1.74 V)
2.5
2.6
2.7
2.8
2.9
3.0
–5
–4
–3
–2
–1
0
1
2
3
4
5
0
0.05
0.10
0.15
0.20
0.25
0.30
VOH (V)
VOL (V)
VOH, VBAT = 3.0V
VOL, VBAT = 3.0V
VOH TYPE A
VOH TYPE B
VOH TYPE C
VOH TYPE D
VOL TYPE A
VOL TYPE B
VOL TYPE C
VOL TYPE D
Figure 18. Output Double Drive Strength Characteristics (VBAT = 3.0 V)
2.6
2.7
2.8
2.9
3.0
0
0.05
0.10
0.15
0.20
0.25
0.30
–2.5
–2.0
–1.5
–1.0
–0.5
0.5
0
1.0
1.5
2.0
2.5
VOH (V)
VOL (V)
VOH, VBAT = 3.0V
VOL, VBAT = 3.0V
VOH TYPE A
VOH TYPE B
VOH TYPE C
VOH TYPE D
VOL TYPE A
VOL TYPE B
VOL TYPE C
VOL TYPE D
Figure 19. Output Single Drive Strength Characteristics (VBAT = 3.0 V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com