Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADUCM4050BCPZ-R7 Datasheet(PDF) 30 Page - Analog Devices

Part # ADUCM4050BCPZ-R7
Description  Ultra Low Power ARM Cortex-M4F MCU with Integrated Power Management
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADUCM4050BCPZ-R7 Datasheet(HTML) 30 Page - Analog Devices

Back Button ADUCM4050BCPZ-R7 Datasheet HTML 26Page - Analog Devices ADUCM4050BCPZ-R7 Datasheet HTML 27Page - Analog Devices ADUCM4050BCPZ-R7 Datasheet HTML 28Page - Analog Devices ADUCM4050BCPZ-R7 Datasheet HTML 29Page - Analog Devices ADUCM4050BCPZ-R7 Datasheet HTML 30Page - Analog Devices ADUCM4050BCPZ-R7 Datasheet HTML 31Page - Analog Devices ADUCM4050BCPZ-R7 Datasheet HTML 32Page - Analog Devices ADUCM4050BCPZ-R7 Datasheet HTML 33Page - Analog Devices ADUCM4050BCPZ-R7 Datasheet HTML 34Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 46 page
background image
ADuCM4050
Data Sheet
Rev. A | Page 30 of 46
SYSTEM INTEGRATION FEATURES
The ADuCM4050 MCU provides several features for
development of ultra low power, secure, and robust systems.
Reset
There are four kinds of resets: external, power-on, watchdog
timeout, and software system reset. The software system reset is
provided as part of the ARM Cortex-M4F core. The
SYS_HWRST pin is toggled to perform a hardware reset.
Booting
The ADuCM4050 MCU supports two boot modes: booting from
internal flash and upgrading software through UART download
(see Table 24). If SYS_BMODE0 (Pin P1_01) is pulled low
during power-up or a hard reset, the MCU enters into serial
download mode. In this mode, an on-chip loader routine
initiates in the kernel, which configures the UART port and
communicates with the host to manage the firmware upgrade
via a specific serial download protocol.
Table 24. Boot Modes
Boot Mode
Description
0
UART download mode.
1
Flash boot. Boot from integrated flash memory.
Power Management and Modes
The ADuCM4050 MCU has an integrated power management
system that optimizes performance and extends the battery life
of the device. The power management system consists of the
following:
•
Integrated 1.2 V low dropout regulator (LDO) and optional
capacitive buck regulator
•
Integrated power switches for low standby current in
hibernate and shutdown modes
Additional power management features include the following:
•
Customized clock gating for active modes
•
Power gating to reduce leakage in hibernate and shutdown
modes
•
Flexible sleep modes
•
Shutdown mode with no retention
•
Optional high efficiency buck converter to reduce power
•
Integrated low power oscillators
The PMU provides control of the ADuCM4050 MCU power
modes and allows the ARM Cortex-M4F to control the clocks
and power gating to reduce the power consumption. Several
power modes are available, offering options to balance power
consumption and functionality. The power modes available in the
ADuCM4050 are described in the following sections.
Active Mode
In active mode, all peripherals can be enabled. Active power is
managed by optimized clock management. See Table 3 for
details on active mode current consumption.
Flexi Mode
In flexi mode, the ARM Cortex-M4F core is clock gated, but the
remainder of the system is active. No instructions can be executed
in this mode, but DMA transfers can continue between peripherals
as well as memory to memory. See Table 4 for details on flexi mode
current consumption.
Hibernate Mode
Hibernate mode provides state retention, configurable SRAM
and port pin retention, a limited number of wake-up interrupts
(SYS_WAKEx, UART0_RX, and optionally, RTC0 and RTC1
(FLEX_RTC™)).
Shutdown Mode
Shutdown mode is the deepest sleep mode, in which all the digital
and analog circuits are powered down with an option to wake
from four possible wake-up sources. The RTC0 can be (optionally)
enabled in this mode, and the device can be periodically woken
up by the RTC0 interrupt.
Shutdown Mode—Fast Wake-Up
This mode has a faster wake-up time than shutdown mode at
the expense of higher power consumption. See Table 25 for
wake-up time specifications.
Power Management and Control
The following features are available for power management and
control:
•
Voltage range of 1.74 V to 3.6 V using a single supply (such
as the CR2032 coin cell battery).
•
GPIOs are driven directly from the battery. The pin state is
retained in hibernate and shutdown modes. The GPIO
configuration is only retained in hibernate mode.
•
Wake-up from external interrupts (via GPIOs),
UART0_RX interrupt, and RTCs for hibernate mode.
•
Wake-up from external interrupts (via GPIOs) and RTC0
for shutdown mode.
•
Optional high power buck converter for 1.2 V full on support
(MCU use only). See Figure 23 for suggested external circuitry.
BUCK
ENABLED
LDO
NOTES
1. FOR DESIGNS IN WHICH THE OPTIONAL BUCK IS NOT USED,
THE FOLLOWING PINS MUST BE LEFT UNCONNECTED: VDCDC_CAP1P,
VDCDC_CAP1N, VDCDC_OUT, VDCDC_CAP2P, AND VDCDC_CAP2N.
VDCDC_CAP1 P
VBAT
0.1µF
1µF
0.1µF
VDCDC_CAP1N
VDCDC_OUT
VDCDC_CAP2 P
0.47µF
VLDO_OUT
VDCDC_CAP2N
Figure 23. Buck Enable Design



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com