Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADUCM4050BCPZ-R7 Datasheet(PDF) 35 Page - Analog Devices

Part # ADUCM4050BCPZ-R7
Description  Ultra Low Power ARM Cortex-M4F MCU with Integrated Power Management
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADUCM4050BCPZ-R7 Datasheet(HTML) 35 Page - Analog Devices

Back Button ADUCM4050BCPZ-R7 Datasheet HTML 31Page - Analog Devices ADUCM4050BCPZ-R7 Datasheet HTML 32Page - Analog Devices ADUCM4050BCPZ-R7 Datasheet HTML 33Page - Analog Devices ADUCM4050BCPZ-R7 Datasheet HTML 34Page - Analog Devices ADUCM4050BCPZ-R7 Datasheet HTML 35Page - Analog Devices ADUCM4050BCPZ-R7 Datasheet HTML 36Page - Analog Devices ADUCM4050BCPZ-R7 Datasheet HTML 37Page - Analog Devices ADUCM4050BCPZ-R7 Datasheet HTML 38Page - Analog Devices ADUCM4050BCPZ-R7 Datasheet HTML 39Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 46 page
background image
Data Sheet
ADuCM4050
Rev. A | Page 35 of 46
Beeper Driver
The ADuCM4050 MCU has an integrated audio driver for a
beeper. The beeper driver module in the ADuCM4050 MCU
generates a differential square wave of programmable frequency.
It drives an external piezoelectric sound component with two
terminals that connect to the differential square wave output.
The beeper driver consists of a module that can deliver
frequencies ranging from 8 kHz to approximately 0.25 kHz; the
minimum frequency is determined by the maximum value of a
divide register that can be programmed to 127. This results in a
beeper frequency of,
32.768 kHz/127 = 0.25802 kHz
The beeper driver allows programmable tone durations in 4 ms
increments. Pulse (single-tone) and sequence (multitone)
modes provide versatile playback options.
In sequence mode, the beeper can be programmed to play any
number of tone pairs from 1 to 254 (2 to 508 tones) or be
programmed to play forever (until stopped by the user).
Interrupts are available to indicate the start or end of any beep,
the end of a sequence, or when the sequence is nearing
completion.
Debug Capability
The ADuCM4050 MCU supports a 2-wire serial wire debug
(SWD) interface and trace feature via a single-wire viewer port.
The ADuCM4050 MCU also has a full flash patch and
breakpoint (FPB) unit with support for up to six hardware
breakpoints.
ON-CHIP PERIPHERAL FEATURES
The ADuCM4050 MCU contains a rich set of peripherals
connected to the core via several concurrent high bandwidth
buses, providing flexibility in system configuration as well as
excellent overall system performance (see Figure 1).
The ADuCM4050 MCU contains high speed serial ports, an
interrupt controller for flexible management of interrupts
from the on-chip peripherals or external sources, and power
management control functions to tailor the performance and
power characteristics of the MCU and system to many
application scenarios.
Serial Ports (SPORT)
The ADuCM4050 MCU provides two single-direction half
SPORTs or one bidirectional full SPORT. The synchronous
serial ports provide an inexpensive interface to a wide variety of
digital and mixed-signal peripheral devices such as Analog
Devices audio codecs, ADCs, and DACs. The serial ports
contain two data lines, a clock, and a frame sync. The data lines
can be programmed to either transmit or receive, and each data
line has a dedicated DMA channel.
Serial port data can be automatically transferred to and from
on-chip memory or external memory via dedicated DMA
channels. The frame sync and clock can be shared. Some of the
ADCs and DACs require two control signals for their
conversion processes. To interface with such devices,
SPT0_ACNV and SPT0_BCNV signals are provided. To use
these signals, enable the timer enable mode. In this mode, a
PWM timer inside the SPORT module generates the
programmable SPT0_ACNV and SPT0_BCNV signals.
Serial ports operate in two modes: the standard digital signal
processor (DSP) serial mode and timer enable mode.
SPI Ports
The ADuCM4050 MCU provides three SPIs. The SPI is an
industry-standard, full duplex, synchronous serial interface that
allows eight bits of data to be synchronously transmitted and
simultaneously received. Each SPI incorporates two DMA
channels that interface with the DMA controller. One DMA
channel transmits and the other receives. The SPI on the MCU
eases interfacing to external serial flash devices.
The SPI features include the following:
•
Serial clock phase mode and serial clock polarity mode
•
Loopback mode
•
Continuous transfer mode
•
Wire-OR’d output mode
•
Read command mode for half-duplex operation (transmit
followed by receive)
•
Flow control support
•
Multiple chip select (CS) line support
•
CS software override support
•
Support for 3-pin SPI
UART Ports
The ADuCM4050 MCU provides two full duplex UART ports
that are fully compatible with PC standard UARTs. The UART
port provides a simplified UART interface to other peripherals
or hosts, supporting full duplex, DMA supported, asynchronous
transfers of serial data. The UART port includes support for
five to eight data bits, and none, even, or odd parity. A frame
is terminated by one, one and a half, or two stop bits.
I2C
The ADuCM4050 MCU provides an I2C bus peripheral that has
two pins for data transfer. SCL (Pin P0_04) is a serial clock pin
and SDA (Pin P0_05) is a serial data pin. The pins are
configured in a wire-AND’ed format that allows arbitration in a
multimaster system. A master device can be configured to
generate the serial clock. The frequency is programmed by the
user in the serial clock divisor register. The master channel can
operate in fast mode (400 kHz) or standard mode (100 kHz).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com