Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADUCM4050BCPZ-R7 Datasheet(PDF) 45 Page - Analog Devices

Part # ADUCM4050BCPZ-R7
Description  Ultra Low Power ARM Cortex-M4F MCU with Integrated Power Management
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADUCM4050BCPZ-R7 Datasheet(HTML) 45 Page - Analog Devices

Back Button ADUCM4050BCPZ-R7 Datasheet HTML 38Page - Analog Devices ADUCM4050BCPZ-R7 Datasheet HTML 39Page - Analog Devices ADUCM4050BCPZ-R7 Datasheet HTML 40Page - Analog Devices ADUCM4050BCPZ-R7 Datasheet HTML 41Page - Analog Devices ADUCM4050BCPZ-R7 Datasheet HTML 42Page - Analog Devices ADUCM4050BCPZ-R7 Datasheet HTML 43Page - Analog Devices ADUCM4050BCPZ-R7 Datasheet HTML 44Page - Analog Devices ADUCM4050BCPZ-R7 Datasheet HTML 45Page - Analog Devices ADUCM4050BCPZ-R7 Datasheet HTML 46Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 45 / 46 page
background image
Data Sheet
ADuCM4050
Rev. A | Page 45 of 46
OUTLINE DIMENSIONS
A
B
C
D
E
F
G
H
0.530
0.470
0.410
3.61
3.57
3.53
3.20
3.16
3.12
1
2
3
4
5
BOTTOM VIEW
(BALL SIDE UP)
TOP VIEW
(BALL SIDE DOWN)
SIDE VIEW
0.210
0.180
0.150
0.320
0.290
0.260
0.280
0.240
0.200
2.45 REF
2.80 REF
0.35
BALL PITCH
0.385
0.355
6
7
8
9
COPLANARITY
0.05
BALL A1
IDENTIFIER
SEATING
PLANE
Figure 29. 72-Ball Wafer Level Chip Scale Package [WLCSP]
(CB-72-3)
Dimensions shown in millimeters
0.30
0.25
0.18
0.80
0.75
0.70
0.50
BSC
BOTTOM VIEW
TOP VIEW
6.30
6.20 SQ
6.10
0.05 MAX
0.02 NOM
0.203 REF
COPLANARITY
0.08
9.10
9.00 SQ
8.90
FOR PROPER CONNECTION OF
THE EXPOSED PAD, REFER TO
THE PIN CONFIGURATION AND
FUNCTION DESCRIPTIONS
SECTION OF THIS DATA SHEET.
0.20 MIN
7.50 REF
COMPLIANT TO JEDEC STANDARDS MO-220-WMMD
1
64
16
17
49
48
32
33
0.45
0.40
0.35
EXPOSED
PAD
END VIEW
DETAIL A
(JEDEC 95)
P IN 1
IN D IC AT O R AR E A OP T IO N S
(SEE DETAIL A)
PIN 1
INDICATOR
AREA
SEATING
PLANE
Figure 30. 64-Lead Lead Frame Chip Scale Package [LFCSP]
9 mm × 9 mm Body and 0.75 mm Package Height
(CP-64-17)
Dimensions shown in millimeters



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com