Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADUCM4050BCPZ-R7 Datasheet(PDF) 6 Page - Analog Devices

Part # ADUCM4050BCPZ-R7
Description  Ultra Low Power ARM Cortex-M4F MCU with Integrated Power Management
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADUCM4050BCPZ-R7 Datasheet(HTML) 6 Page - Analog Devices

Back Button ADUCM4050BCPZ-R7 Datasheet HTML 2Page - Analog Devices ADUCM4050BCPZ-R7 Datasheet HTML 3Page - Analog Devices ADUCM4050BCPZ-R7 Datasheet HTML 4Page - Analog Devices ADUCM4050BCPZ-R7 Datasheet HTML 5Page - Analog Devices ADUCM4050BCPZ-R7 Datasheet HTML 6Page - Analog Devices ADUCM4050BCPZ-R7 Datasheet HTML 7Page - Analog Devices ADUCM4050BCPZ-R7 Datasheet HTML 8Page - Analog Devices ADUCM4050BCPZ-R7 Datasheet HTML 9Page - Analog Devices ADUCM4050BCPZ-R7 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 46 page
background image
ADuCM4050
Data Sheet
Rev. A | Page 6 of 46
Flexi Mode
Table 4.
Parameter
Min Typ1 Max2 Unit
Test Conditions/Comments
FLEXI™ MODE
Current consumption when VBAT = 3.0 V
Buck Enabled
0.40
1.85
mA
PCLK disabled, HCLK = 26 MHz
0.54
1.98
mA
PCLK = 26 MHz, HCLK = 26 MHz
0.62
2.06
mA
PCLK disabled, HCLK = 52 MHz
0.88
2.33
mA
PCLK = 52 MHz, HCLK = 52 MHz
Buck Disabled
0.62
3.06
mA
PCLK disabled, HCLK = 26 MHz
0.88
3.32
mA
PCLK = 26 MHz, HCLK = 26 MHz
1.04
3.48
mA
PCLK disabled, HCLK = 52 MHz
1.57
4.01
mA
PCLK = 52 MHz, HCLK = 52 MHz
1
TJ = 25°C.
2
TJ = 85°C.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com