Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADUCM4050BCPZ-R7 Datasheet(PDF) 22 Page - Analog Devices

Part # ADUCM4050BCPZ-R7
Description  Ultra Low Power ARM Cortex-M4F MCU with Integrated Power Management
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADUCM4050BCPZ-R7 Datasheet(HTML) 22 Page - Analog Devices

Back Button ADUCM4050BCPZ-R7 Datasheet HTML 18Page - Analog Devices ADUCM4050BCPZ-R7 Datasheet HTML 19Page - Analog Devices ADUCM4050BCPZ-R7 Datasheet HTML 20Page - Analog Devices ADUCM4050BCPZ-R7 Datasheet HTML 21Page - Analog Devices ADUCM4050BCPZ-R7 Datasheet HTML 22Page - Analog Devices ADUCM4050BCPZ-R7 Datasheet HTML 23Page - Analog Devices ADUCM4050BCPZ-R7 Datasheet HTML 24Page - Analog Devices ADUCM4050BCPZ-R7 Datasheet HTML 25Page - Analog Devices ADUCM4050BCPZ-R7 Datasheet HTML 26Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 46 page
background image
ADuCM4050
Data Sheet
Rev. A | Page 22 of 46
Pin No.
Mnemonic
Signal Names
Description
B6
P1_10
GPIO26, SPI0_CS1, SYS_CLKIN,
SPI1_CS3
GPIO. See the GPIO Multiplexing section for more information.
B7
P0_01
GPIO01, SPI0_MOSI, SPT0_BFS
GPIO. See the GPIO Multiplexing section for more information.
B8
SYS_HFXTAL_OUT
Not applicable
High Frequency Crystal Output.
B9
SYS_HFXTAL_IN
Not applicable
High Frequency Crystal Input.
C1
P0_14
GPIO14, TMR0_OUT, SPI1_RDY
GPIO. See the GPIO Multiplexing section for more information.
C2
P2_01
GPIO33/SYS_WAKE3, TMR2_OUT
GPIO. See the GPIO Multiplexing section for more information.
C3
P1_03
GPIO19, SPI2_MOSI
GPIO. See the GPIO Multiplexing section for more information.
C4
P3_01
GPIO49, RGB_TMR0_2,
SPT0_AFS
GPIO. See the GPIO Multiplexing section for more information.
C5
P0_11
GPIO11, UART0_RX
GPIO. See the GPIO Multiplexing section for more information.
C6
P0_02
GPIO02, SPI0_MISO, SPT0_BD0
GPIO. See the GPIO Multiplexing section for more information.
C7
GND_ANA
Not applicable
Ground Reference for Analog Circuits in the MCU.
C8
SYS_LFXTAL_OUT
Not applicable
Low Frequency Crystal Output.
C9
SYS_LFXTAL_IN
Not applicable
Low Frequency Crystal Input.
D1
P1_13
GPIO29, TMR2_OUT
GPIO. See the GPIO Multiplexing section for more information.
D2
P1_14
GPIO30, SPI0_RDY
GPIO. See the GPIO Multiplexing section for more information.
D3
P2_02
GPIO34, SPT0_ACNV, SPI1_CS2
GPIO. See the GPIO Multiplexing section for more information.
D4
P1_12
GPIO28, RTC1_SS2
GPIO. See the GPIO Multiplexing section for more information.
D5
P0_04
GPIO04, I2C0_SCL
GPIO. See the GPIO Multiplexing section for more information.
D6
P2_06
GPIO38, ADC0_VIN3
GPIO. See the GPIO Multiplexing section for more information.
D7
P2_05
GPIO37, ADC0_VIN2
GPIO. See the GPIO Multiplexing section for more information.
D8
VBAT_ANA2
Not applicable
External Supply for Analog Circuits in the MCU.
D9
VDCDC_CAP1N
Not applicable
Buck Converter Capacitor 1 Negative Terminal.
E1
P1_11
GPIO27, TMR1_OUT
GPIO. See the GPIO Multiplexing section for more information.
E2
P0_08
GPIO08, BPR0_TONE_N
GPIO. See the GPIO Multiplexing section for more information.
E3
P0_09
GPIO09, BPR0_TONE_P,
SPI2_CS1
GPIO. See the GPIO Multiplexing section for more information.
E4
P2_15
GPIO47, SPI2_CS2, SPI1_CS3,
SPI0_CS1
GPIO. See the GPIO Multiplexing section for more information.
E5
GND_DIG
Not applicable
Ground Reference for Digital Circuits in the MCU.
E6
SYS_HWRST
Not applicable
Hardware Reset Pin.
E7
VBAT_ADC
Not applicable
External Supply for Internal ADC.
E8
VDCDC_OUT
Not applicable
Buck Converter Output. This pin is only for connecting the decoupling
capacitor. Do not connect to external load.
E9
VDCDC_CAP1P
Not applicable
Buck Converter Capacitor 1 Positive Terminal.
F1
P1_01
SYS_BMODE0, GPIO17
GPIO. See the GPIO Multiplexing section for more information.
F2
P1_15
GPIO31, SPT0_ACLK, UART1_TX
GPIO. See the GPIO Multiplexing section for more information.
F3
P1_06
GPIO22, SPI1_CLK, RGB_TMR0_1
GPIO. See the GPIO Multiplexing section for more information.
F4
P1_09
GPIO25, SPI1_CS0, SWV
GPIO. See the GPIO Multiplexing section for more information.
F5
P2_14
GPIO46, SPI0_CS3
GPIO. See the GPIO Multiplexing section for more information.
F6
P2_08
GPIO40, ADC0_VIN5, SPI0_CS2,
RTC1_SS3
GPIO. See the GPIO Multiplexing section for more information.
F7
VREFP_ADC
Not applicable
External Reference Voltage for Internal ADC.
F8
VDCDC_CAP2P
Not applicable
Buck Converter Capacitor 2 Positive Terminal.
F9
VDCDC_CAP2N
Not applicable
Buck Converter Capacitor 2 Negative Terminal.
G1
P2_00
GPIO32, SPT0_AFS, UART1_RX
GPIO. See the GPIO Multiplexing section for more information.
G2
P0_12
GPIO12, SPT0_AD0,
UART0_SOUT_EN
GPIO. See the GPIO Multiplexing section for more information.
G3
P1_07
GPIO23, SPI1_MOSI,
RGB_TMR0_2
GPIO. See the GPIO Multiplexing section for more information.
G4
P0_06
SWD0_CLK, GPIO06
GPIO. See the GPIO Multiplexing section for more information.
G5
P2_13
GPIO45, UART1_RX, SPI0_CS2
GPIO. See the GPIO Multiplexing section for more information.
G6
P2_09
GPIO41, ADC0_VIN6, SPI0_CS3
GPIO. See the GPIO Multiplexing section for more information.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com