Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADUCM4050BCPZ-R7 Datasheet(PDF) 3 Page - Analog Devices

Part # ADUCM4050BCPZ-R7
Description  Ultra Low Power ARM Cortex-M4F MCU with Integrated Power Management
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADUCM4050BCPZ-R7 Datasheet(HTML) 3 Page - Analog Devices

  ADUCM4050BCPZ-R7 Datasheet HTML 1Page - Analog Devices ADUCM4050BCPZ-R7 Datasheet HTML 2Page - Analog Devices ADUCM4050BCPZ-R7 Datasheet HTML 3Page - Analog Devices ADUCM4050BCPZ-R7 Datasheet HTML 4Page - Analog Devices ADUCM4050BCPZ-R7 Datasheet HTML 5Page - Analog Devices ADUCM4050BCPZ-R7 Datasheet HTML 6Page - Analog Devices ADUCM4050BCPZ-R7 Datasheet HTML 7Page - Analog Devices ADUCM4050BCPZ-R7 Datasheet HTML 8Page - Analog Devices ADUCM4050BCPZ-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 46 page
background image
Data Sheet
ADuCM4050
Rev. A | Page 3 of 46
GENERAL DESCRIPTION
The ADuCM4050 microcontroller unit (MCU) is an ultra low
power integrated microcontroller system with integrated power
management for processing, control, and connectivity. The MCU
system is based on the ARM® Cortex®-M4F processor. The
MCU also has a collection of digital peripherals, embedded
static random access memory (SRAM) and embedded flash
memory, and an analog subsystem that provides clocking, reset,
and power management capabilities in addition to an analog-
to-digital converter (ADC) subsystem.
This data sheet describes the ARM Cortex-M4F core and
memory architecture used on the ADuCM4050 MCU. It does
not provide detailed programming information about the ARM
processor.
The system features include an up to 52 MHz ARM Cortex-
M4F processor, 512 kB of embedded flash memory with error
correction code (ECC), an optional 4 kB cache for lower active
power, and 128 kB system SRAM with parity. The ADuCM4050
features a power management unit (PMU), multilayer advanced
microcontroller bus architecture (AMBA) bus matrix, central
direct memory access (DMA) controller, and beeper interface.
The ADuCM4050 features cryptographic hardware supporting
advanced encryption standard (AES)-128 and AES-256 with
secure hash algorithm (SHA)-256 and the following modes:
electronic code book (ECB), cipher block chaining (CBC),
counter (CTR), and cipher block chaining-message
authentication code (CCM/CCM*) modes.
The ADuCM4050 has protected key storage with key wrap/
unwrap, and keyed hashed message authentication code (HMAC)
with key unwrap.
The ADuCM4050 supports serial port (SPORT), serial peripheral
interface (SPI), I2C, and universal asynchronous receiver/
transmitter (UART) peripheral interfaces.
The ADuCM4050 features a real-time clock (RTC), general-
purpose and watchdog timers, and programmable general-purpose
input/output (GPIO) pins. There is a hardware cyclic redundancy
check (CRC) calculator with programmable generator polynomial.
The device also features a power on reset (POR) and power supply
monitor (PSM), a 12-bit successive approximation register (SAR)
ADC, a red/green/blue (RGB) timer for driving RGB LED, and a
true random number generator (TRNG).
To support low dynamic and hibernate power management, the
ADuCM4050 MCU provides a collection of power modes and
features such as dynamic- and software-controlled clock gating
and power gating.
For full details on the ADuCM4050 MCU, refer to the
ADuCM4050 Ultra Low Power ARM Cortex-M4F MCU with
Integrated Power Management Hardware Reference.
PRODUCT HIGHLIGHTS
1. Ultra low power consumption.
2. Robust operation.
3. Full voltage monitoring in deep sleep modes.
4. ECC support on flash.
5. Parity error detection on SRAM memory.
6. Leading edge security.
7. Fast encryption provides read protection to user algorithms.
8. Write protection prevents device reprogramming by
unauthorized code.
9. Failure detection of 32 kHz low frequency external crystal
oscillator (LFXTAL) via interrupt.
10. SensorStrobe™ for precise time synchronized sampling of
external sensors. Works in hibernate mode, resulting in drastic
current reduction in system solutions. Current consumption
reduces by 10 times when using, for example, the ADXL363
accelerometer. Software intervention is not required after
setup. No pulse drift due to software execution.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com