Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADUCM4050BCPZ-R7 Datasheet(PDF) 31 Page - Analog Devices

Part # ADUCM4050BCPZ-R7
Description  Ultra Low Power ARM Cortex-M4F MCU with Integrated Power Management
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADUCM4050BCPZ-R7 Datasheet(HTML) 31 Page - Analog Devices

Back Button ADUCM4050BCPZ-R7 Datasheet HTML 27Page - Analog Devices ADUCM4050BCPZ-R7 Datasheet HTML 28Page - Analog Devices ADUCM4050BCPZ-R7 Datasheet HTML 29Page - Analog Devices ADUCM4050BCPZ-R7 Datasheet HTML 30Page - Analog Devices ADUCM4050BCPZ-R7 Datasheet HTML 31Page - Analog Devices ADUCM4050BCPZ-R7 Datasheet HTML 32Page - Analog Devices ADUCM4050BCPZ-R7 Datasheet HTML 33Page - Analog Devices ADUCM4050BCPZ-R7 Datasheet HTML 34Page - Analog Devices ADUCM4050BCPZ-R7 Datasheet HTML 35Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 46 page
background image
Data Sheet
ADuCM4050
Rev. A | Page 31 of 46
Table 25. Power Modes Wake-Up Times
Mode
VTOR1
Root Clock
HCLK/PCLK
Wake-Up Time
Flexi
Flash
HFOSC
26 MHz
1.605 µs
Hibernate
Flash
HFOSC
26 MHz
10.356 µs
SRAM
HFOSC
26 MHz
4.984 µs
Flash
HFXTAL
26 MHz
686.452 µs
Flash
PLL_HFOSC
26 MHz
14.487 µs
Flash
PLL_HFXTAL
26 MHz
742.668 µs
Flash
PLL_HFOSC
52 MHz
15.730 µs
Flash
PLL_HFXTAL
52 MHz
726.101 µs
Shutdown
Flash
HFOSC
26 MHz
68.144 ms
Shutdown (Fast Wake-Up)
Flash
HFOSC
26 MHz
1.220 ms
1
VTOR means vector table offset register.
Security Features
The ADuCM4050 MCU provides a combination of hardware
and software protection mechanisms that lock out access to the
device in secure mode, but grant access in open mode. These
mechanisms include the password protected slave boot mode
(UART), as well as password protected serial wire debug (SWD)
interfaces. Mechanisms are provided to protect the device
contents (flash, SRAM, CPU registers, and peripheral registers)
from being read through an external interface by an
unauthorized user. This is referred to as read protection.
It is possible to protect the device from being reprogrammed in
circuit with unauthorized code. This is referred to as in circuit
write protection.
The device can be configured with no protection, read protection,
or read and in circuit write protection. It is not necessary to
provide in circuit write protection without read protection.
This product includes security features that can be used to protect
embedded nonvolatile memory contents and prevent execution
of unauthorized code. When security is enabled on this device
(either by the ordering party or the subsequent receiving parties),
the ability of Analog Devices to conduct failure analysis on
returned devices is limited. Contact Analog Devices for details
on the failure analysis limitations for this device.
Cryptographic Accelerator
The cryptographic accelerator is a 32-bit APB DMA capable
peripheral. There are two 128-bit buffers provided for data
input/output operations. These buffers read in or read out
128 bits in four data accesses. Big endian and little endian data
formats are supported, as are the following modes:
•
ECB mode—AES mode
•
CTR mode
•
CBC mode
•
Message authentication code (MAC) mode
•
CCM/CCM* mode
•
SHA-256 modes
•
Protected key storage with key wrap and unwrap—HMAC
signature generation
True Random Number Generator (TRNG)
The TRNG is used during operations where nondeterministic
values are required. This can include generating challenges for
secure communication or keys used for an encrypted commu-
nication channel. The generator can run multiple times to
generate a sufficient number of bits for the strength of the
intended operation. The true random number generator can
seed a deterministic random bit generator.
Reliability and Robustness Features
The ADuCM4050 MCU provides several features that can
enhance or help achieve certain levels of system safety and
reliability. Whereas the level of safety is mainly dominated by
system considerations, the following features are provided to
enhance robustness.
ECC Enabled Flash Memory
The entire flash array is protected to either correct single-bit
errors or detect two bit errors per 64-bit flash data.
Multiparity Bit Protected SRAM
Each word of the SRAM and cache memory is protected by
multiple parity bits to allow detection of random soft errors.
Software Watchdog
The on-chip watchdog timer can provide software-based
supervision of the ADuCM4050 core.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com