Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADUCM4050BCPZ-R7 Datasheet(PDF) 28 Page - Analog Devices

Part # ADUCM4050BCPZ-R7
Description  Ultra Low Power ARM Cortex-M4F MCU with Integrated Power Management
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADUCM4050BCPZ-R7 Datasheet(HTML) 28 Page - Analog Devices

Back Button ADUCM4050BCPZ-R7 Datasheet HTML 24Page - Analog Devices ADUCM4050BCPZ-R7 Datasheet HTML 25Page - Analog Devices ADUCM4050BCPZ-R7 Datasheet HTML 26Page - Analog Devices ADUCM4050BCPZ-R7 Datasheet HTML 27Page - Analog Devices ADUCM4050BCPZ-R7 Datasheet HTML 28Page - Analog Devices ADUCM4050BCPZ-R7 Datasheet HTML 29Page - Analog Devices ADUCM4050BCPZ-R7 Datasheet HTML 30Page - Analog Devices ADUCM4050BCPZ-R7 Datasheet HTML 31Page - Analog Devices ADUCM4050BCPZ-R7 Datasheet HTML 32Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 46 page
background image
ADuCM4050
Data Sheet
Rev. A | Page 28 of 46
THEORY OF OPERATION
ARM CORTEX-M4F PROCESSOR
The ARM Cortex-M4F core is a 32-bit reduced instruction set
computer (RISC). The length of the data can be 8 bits, 16 bits,
or 32 bits. The length of the instruction word is 16 bits or
32 bits. The processor has the following features:
•
ARM Cortex-M4F architecture
•
Thumb-2 instruction set architecture (ISA) technology
•
Three-stage pipeline with branch speculation
•
Low latency interrupt processing with tail chaining
•
Single-cycle multiply
•
Hardware divide instructions
•
Nested vectored interrupt controller (NVIC) (72 interrupts
and 8 priorities)
•
Six hardware breakpoints and one watchpoint (unlimited
software breakpoints using the Segger JLink debug probe)
•
Bit banding support
•
Trace support—instruction trace macrocell (ITM), trace
port interface unit (TPIU), and data watchpoint and trace
(DWT) triggers and counters
•
Memory protection unit (MPU)
•
Eight-region MPU with subregions and background region
•
Programmable clock generator unit
•
Configurable for ultralow power operation
•
Deep sleep modes, dynamic power management
•
Programmable clock generator unit
•
Floating point unit (FPU)
•
Supports single-precision add, subtract, multiply, divide,
multiply and accumulate, and square root operations
•
Provides conversions between fixed point and floating
point data formats, and floating point constant instructions
ARM Cortex-M4F Subsystem
The ADuCM4050 MCU memory map (see the ADuCM4050
Ultra Low Power ARM Cortex-M4F MCU with Integrated
Power Management Hardware Reference) is based on the ARM
Cortex-M4F memory model. By retaining the standardized
memory mapping, it is easier to port applications across ARM
Cortex-M4F platforms. The ADuCM4050 application
development is based on memory blocks across code and
SRAM regions. Sufficient internal memory is available via
internal SRAM and internal flash.
Code Region
Accesses in the code region (0x0000_0000 to 0x0007_FFFF
except 0x0007_F000 to 0x0007_FFFF, which is meant for
protected key storage) are performed by the core and target the
memory and cache resources.
SRAM Region
Accesses in the SRAM region (see Figure 22) are performed by
the ARM Cortex-M4F core. The SRAM region of the core can
act as a data region for an application.
•
Internal SRAM data region. This space can contain
read/write data. Internal SRAM can be partitioned between
code and data (the SRAM region in the ARM Cortex-M4F
space) in 32 kB blocks. Access to this region occurs at core
clock speed with no wait states. The SRAM data region also
supports read/write access by the ARM Cortex-M4F core
and read/write DMA access by system devices.
•
System memory mapped registers (MMRs). Various system
MMRs reside in this region.
System Region
Accesses in this region (0xE000_0000 to 0xFFFF_FFFF) are
performed by the ARM Cortex-M4F core and handled within
the ARM Cortex-M4F platform. This system region includes
the following components:
•
CoreSight™ read only memory (ROM). The ROM table
entries (see the ARM Cortex-M4F Technical Reference
Manual) show the debug components of the processor.
•
ARM advanced peripheral bus (APB) peripheral. This
space is defined by ARM and occupies the bottom 256 kB
of the system region (0xE000_0000 to 0xE004_0000). The
space supports read/write access by the ARM Cortex-M4F
core to the internal peripherals of the ARM core (NVIC,
system control space (SCS), and wake-up interrupt controller
(WIC)) and CoreSight ROM. It is not accessible by system
DMA.
•
Platform control register. This space has registers within
the ARM Cortex-M4F platform component that control
the ARM core, its memory, and the code cache. It is
accessible by the ARM Cortex-M4F core (but not
accessible by system DMA).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com