Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FDPC8014AS Datasheet(PDF) 4 Page - ON Semiconductor

Part # FDPC8014AS
Description  MOSFET ??Dual, N-Channel, POWERTRENCH, Power Clip, Asymmetric 25 V
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FDPC8014AS Datasheet(HTML) 4 Page - ON Semiconductor

  FDPC8014AS Datasheet HTML 1Page - ON Semiconductor FDPC8014AS Datasheet HTML 2Page - ON Semiconductor FDPC8014AS Datasheet HTML 3Page - ON Semiconductor FDPC8014AS Datasheet HTML 4Page - ON Semiconductor FDPC8014AS Datasheet HTML 5Page - ON Semiconductor FDPC8014AS Datasheet HTML 6Page - ON Semiconductor FDPC8014AS Datasheet HTML 7Page - ON Semiconductor FDPC8014AS Datasheet HTML 8Page - ON Semiconductor FDPC8014AS Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
FDPC8014AS
www.onsemi.com
4
ELECTRICAL CHARACTERISTICS (TJ = 25°C unless otherwise noted) (continued)
Symbol
Unit
Max
Typ
Min
Type
Test Condition
Parameter
DRAIN−SOURCE DIODE CHARACTERISTICS
VSD
Source to Drain Diode Forward
Voltage
VGS = 0 V, IS = 20 A (Note 6)
VGS = 0 V, IS = 40 A (Note 6)
Q1
Q2
−
−
0.8
0.8
1.2
1.2
V
IS
Diode Continuous Forward
Current
TC = 25°C
Q1
Q2
−
−
59
159
−
−
A
IS,Pulse
Diode Pulse Current
Q1
Q2
−
−
266
1116
−
−
A
trr
Reverse Recovery Time
Q1: IF = 20 A, di/dt = 100 A/ms
Q2: IF = 40 A, di/dt = 300 A/ms
Q1
Q2
−
−
25
44
40
70
ns
Qrr
Reverse Recovery Charge
Q1
Q2
−
−
10
78
20
125
nC
Product parametric performance is indicated in the Electrical Characteristics for the listed test conditions, unless otherwise noted. Product
performance may not be indicated by the Electrical Characteristics if operated under different conditions.
6. Pulse Test: Pulse Width < 300 ms, Duty cycle < 2.0%.
TYPICAL CHARACTERISTICS (Q1 N−CHANNEL) (TJ = 25°C unless otherwise noted)
0.0
0.2
0.4
0.6
0.8
1.0
0
15
30
45
60
75
VGS = 3.5 V
VGS = 3 V
PULSE DURATION = 80 ms
DUTY CIRCLE = 0.5% MAX
VGS = 2.5 V
VGS = 10 V
VDS, DRAIN TO SOURCE VOLTAGE (V)
VGS = 4.5 V
015
30
45
60
0
1
2
3
4
5
VGS = 3 V
ID, DRAIN CURRENT (A)
VGS= 3.5 V
VGS = 4.5 V
VGS = 2.5 V
VGS= 10 V
−75 −50 −25
0
25
50
75
100 125
0
15
0.7
0.8
0.9
1.0
1.1
1.2
1.3
1.4
1.5
1.6
ID = 20 A
VGS = 10 V
TJ, JUNCTION TEMPERATURE (°C)
14
5
6
0
3
6
9
12
TJ = 125°C
ID = 20 A
VGS, GATE TO SOURCE VOLTAGE (V)
Figure 1. On Region Characteristics
Figure 2. Normalized On−Resistance vs. Drain Current
and Gate Voltage
Figure 3. Normalized On Resistance vs. Junction
Temperature
Figure 4. On−Resistance vs. Gate to Source Voltage
PULSE DURATION = 80 ms
DUTY CIRCLE = 0.5% MAX
75
PULSE DURATION = 80 ms
DUTY CIRCLE = 0.5% MAX
TJ = 25°C
23
8
9
10
7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com