Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FDPC8014AS Datasheet(PDF) 6 Page - ON Semiconductor

Part # FDPC8014AS
Description  MOSFET ??Dual, N-Channel, POWERTRENCH, Power Clip, Asymmetric 25 V
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FDPC8014AS Datasheet(HTML) 6 Page - ON Semiconductor

Back Button FDPC8014AS Datasheet HTML 2Page - ON Semiconductor FDPC8014AS Datasheet HTML 3Page - ON Semiconductor FDPC8014AS Datasheet HTML 4Page - ON Semiconductor FDPC8014AS Datasheet HTML 5Page - ON Semiconductor FDPC8014AS Datasheet HTML 6Page - ON Semiconductor FDPC8014AS Datasheet HTML 7Page - ON Semiconductor FDPC8014AS Datasheet HTML 8Page - ON Semiconductor FDPC8014AS Datasheet HTML 9Page - ON Semiconductor FDPC8014AS Datasheet HTML 10Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
FDPC8014AS
www.onsemi.com
6
TYPICAL CHARACTERISTICS (Q1 N−CHANNEL) (TJ = 25°C unless otherwise noted) (continued)
10−5
10−4
10−3
10−2
10−1
1
0.001
0.01
0.1
1
2
SINGLE PULSE
DUTY CYCLE−DESCENDING ORDER
PDM
t1
t2
10
−5
10
−4
10
−3
10
−2
10
−1
1
10
100
1000
10000
t, PULSE WIDTH (s)
0.01
0.1
1
10
0.01
0.1
1
10
100
300
CURVE BENT TO
MEASURED DATA
VDS, DRAIN to SOURCE VOLTAGE (V)
SINGLE PULSE
TJ = MAX RATED
RqJC = 6.0°C/W
TC = 25°C
Figure 11. Forward Bias Safe Operating Area
Figure 12. Single Pulse Maximum Power Dissipation
Figure 13. Junction−to−Case Transient Thermal Response Curve
THIS AREA IS LIMITED
BY rDS(on)
10 ms
100 ms
1 ms
10 ms
100 ms/DC
100
t, RECTANGULAR PULSE DURATION (sec)
D = 0.5
0.2
0.1
0.05
0.02
0.01
NOTES:
ZqJC (t) = r(t) x RqJC
RqJC = 6.0°C/W
DUTY FACTOR: D = t1 / t2
TJ − TC = PDM x ZqJC (t)
SINGLE PULSE
RqJC = 6.0°C/W
TC = 25°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com