Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FDPC8014AS Datasheet(PDF) 7 Page - ON Semiconductor

Part # FDPC8014AS
Description  MOSFET ??Dual, N-Channel, POWERTRENCH, Power Clip, Asymmetric 25 V
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FDPC8014AS Datasheet(HTML) 7 Page - ON Semiconductor

Back Button FDPC8014AS Datasheet HTML 3Page - ON Semiconductor FDPC8014AS Datasheet HTML 4Page - ON Semiconductor FDPC8014AS Datasheet HTML 5Page - ON Semiconductor FDPC8014AS Datasheet HTML 6Page - ON Semiconductor FDPC8014AS Datasheet HTML 7Page - ON Semiconductor FDPC8014AS Datasheet HTML 8Page - ON Semiconductor FDPC8014AS Datasheet HTML 9Page - ON Semiconductor FDPC8014AS Datasheet HTML 10Page - ON Semiconductor FDPC8014AS Datasheet HTML 11Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
FDPC8014AS
www.onsemi.com
7
TYPICAL CHARACTERISTICS (Q2 N−CHANNEL) (TJ = 25°C unless otherwise noted)
0.0
0.2
0.4
0.6
0
30
60
90
120
150
0
30
60
90
120
0
2
4
6
8
−75 −50 −25
0
25
50
75
100 125
0.8
0.9
1.0
1.1
1.2
1.3
1.4
1.5
ID = 40 A
VGS = 10 V
0
1
2
3
4
5
ID = 40 A
1.0
1.5
2.0
2.5
0
30
60
90
120
150
0.0
0.2
0.4
0.6
0.8
0.001
0.01
0.1
1
10
100
0.8
150
3.0
1.0
Figure 14. On−Region Characteristics
Figure 15. Normalized on−Resistance vs.
Drain Current and Gate Voltage
Figure 16. Normalized On−Resistance vs.
Junction Temperature
Figure 17. On−Resistance vs. Gate to Source Voltage
Figure 18. Transfer Characteristics
Figure 19. Source to Drain Diode Forward Voltage vs.
Source Current
PULSE DURATION = 80 ms
DUTY CIRCLE = 0.5% MAX
VDS, DRAIN TO SOURCE VOLTAGE (V)
ID, DRAIN CURRENT (A)
TJ, JUNCTION TEMPERATURE (°C)
TJ = 125°C
VGS, GATE TO SOURCE VOLTAGE (V)
PULSE DURATION = 80 ms
DUTY CIRCLE = 0.5% MAX
PULSE DURATION = 80 ms
DUTY CIRCLE = 0.5% MAX
TJ = 25°C
VGS, GATE TO SOURCE VOLTAGE (V)
VSD, BODY DIODE FORWARD VOLTAGE (V)
VDS = 5 V
TJ = 125°C
PULSE DURATION = 80 ms
DUTY CIRCLE = 0.5% MAX
TJ = 25°C
TJ = −55°C
VGS = 0 V
TJ = 125°C
TJ = 25°C
TJ = −55°C
VGS = 10 V
VGS = 4.5 V
VGS = 3.5 V
VGS = 3 V
VGS = 2.5 V
VGS = 3.5 V VGS = 4.5 V VGS = 10 V
VGS = 3 V
VGS = 2.5 V
150
45
6
23
8
9
10
7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com