Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FDPC8014AS Datasheet(PDF) 3 Page - ON Semiconductor

Part # FDPC8014AS
Description  MOSFET ??Dual, N-Channel, POWERTRENCH, Power Clip, Asymmetric 25 V
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FDPC8014AS Datasheet(HTML) 3 Page - ON Semiconductor

  FDPC8014AS Datasheet HTML 1Page - ON Semiconductor FDPC8014AS Datasheet HTML 2Page - ON Semiconductor FDPC8014AS Datasheet HTML 3Page - ON Semiconductor FDPC8014AS Datasheet HTML 4Page - ON Semiconductor FDPC8014AS Datasheet HTML 5Page - ON Semiconductor FDPC8014AS Datasheet HTML 6Page - ON Semiconductor FDPC8014AS Datasheet HTML 7Page - ON Semiconductor FDPC8014AS Datasheet HTML 8Page - ON Semiconductor FDPC8014AS Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
FDPC8014AS
www.onsemi.com
3
ELECTRICAL CHARACTERISTICS (TJ = 25°C unless otherwise noted)
Symbol
Parameter
Test Condition
Type
Min
Typ
Max
Unit
OFF CHARACTERISTICS
BVDSS
Drain to Source Breakdown
Voltage
ID = 250 mA, VGS = 0 V
ID = 1 mA, VGS = 0 V
Q1
Q2
25
25
−
−
−
−
V
DBVDSS / DTJ Breakdown Voltage Temperature
Coefficient
ID = 250 mA, referenced to 25°C
ID = 10 mA, referenced to 25°C
Q1
Q2
−
−
24
25
−
−
mV/°C
IDSS
Zero Gate Voltage Drain Current
VDS = 20 V, VGS = 0 V
VDS = 20 V, VGS = 0 V
Q1
Q2
−
−
−
−
1
500
mA
mA
IGSS
Gate to Source Leakage Current,
Forward
VGS = 12 V / −8 V, VDS = 0 V
VGS = 12 V / −8 V, VDS = 0 V
Q1
Q2
−
−
−
−
±100
±100
nA
nA
ON CHARACTERISTICS
VGS(th)
Gate to Source Threshold Voltage
VGS = VDS, ID = 250 mA
VGS = VDS, ID = 1 mA
Q1
Q2
0.8
1.0
1.3
1.5
2.5
3.0
V
DVGS(th) / DTJ Gate to Source Threshold Voltage
Temperature Coefficient
ID = 250 mA, referenced to 25°C
ID = 10 mA, referenced to 25°C
Q1
Q2
−
−
−4
−3
−
−
mV/°C
rDS(on)
Drain to Source On Resistance
VGS = 10 V, ID = 20 A
VGS = 4.5 V, ID = 18 A
VGS = 10 V, ID = 20 A, TJ =125°C
Q1
−
−
−
2.9
3.6
3.9
3.8
4.7
5.3
mW
VGS = 10 V, ID = 40 A
VGS = 4.5 V, ID = 37 A
VGS = 10 V, ID = 40 A , TJ =125°C
Q2
−
−
−
0.75
0.9
1.0
1.0
1.2
1.5
gFS
Forward Transconductance
VDS = 5 V, ID = 20 A
VDS = 5 V, ID = 40 A
Q1
Q2
−
−
182
296
−
−
S
DYNAMIC CHARACTERISTICS
Ciss
Input Capacitance
Q1:
VDS = 13 V, VGS = 0 V, f = 1 MHZ
Q2:
VDS = 13 V, VGS = 0 V, f = 1 MHZ
Q1
Q2
−
−
1695
6985
2375
9780
pF
Coss
Output Capacitance
Q1
Q2
−
−
495
2170
710
3040
pF
Crss
Reverse Transfer Capacitance
Q1
Q2
−
−
54
172
100
245
pF
Rg
Gate Resistance
Q1
Q2
0.1
0.1
0.4
0.4
1.2
1.2
W
SWITCHING CHARACTERISTICS
td(on)
Turn−On Delay Time
Q1:
VDD = 13 V, ID = 20 A, RGEN = 6 W
Q2:
VDD = 13 V, ID = 40 A, RGEN = 6 W
Q1
Q2
−
−
8
16
16
29
ns
tr
Rise Time
Q1
Q2
−
−
2
6
10
12
ns
td(off)
Turn−Off Delay Time
Q1
Q2
−
−
24
48
38
76
ns
tf
Fall Time
Q1
Q2
−
−
2
5
10
10
ns
Qg
Total Gate Charge
VGS = 0 V to 10 V
Q1: VDD = 13 V, ID = 20 A
Q2: VDD = 13 V, ID = 40 A
Q1
Q2
−
−
25
97
35
135
nC
Qg
Total Gate Charge
VGS = 0 V to 4.5 V
Q1: VDD = 13 V, ID = 20 A
Q2: VDD = 13 V, ID = 40 A
Q1
Q2
−
−
11
44
16
62
nC
Qgs
Gate to Source Gate Charge
Q1: VDD = 13 V, ID = 20 A
Q2: VDD = 13 V, ID = 40 A
Q1
Q2
−
−
3.4
14
−
−
nC
Qgd
Gate to Drain “Miller” Charge
Q1
Q2
−
−
2.2
9
−
−
nC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com