Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FDPC8014AS Datasheet(PDF) 8 Page - ON Semiconductor

Part # FDPC8014AS
Description  MOSFET ??Dual, N-Channel, POWERTRENCH, Power Clip, Asymmetric 25 V
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FDPC8014AS Datasheet(HTML) 8 Page - ON Semiconductor

Back Button FDPC8014AS Datasheet HTML 4Page - ON Semiconductor FDPC8014AS Datasheet HTML 5Page - ON Semiconductor FDPC8014AS Datasheet HTML 6Page - ON Semiconductor FDPC8014AS Datasheet HTML 7Page - ON Semiconductor FDPC8014AS Datasheet HTML 8Page - ON Semiconductor FDPC8014AS Datasheet HTML 9Page - ON Semiconductor FDPC8014AS Datasheet HTML 10Page - ON Semiconductor FDPC8014AS Datasheet HTML 11Page - ON Semiconductor FDPC8014AS Datasheet HTML 12Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
FDPC8014AS
www.onsemi.com
8
TYPICAL CHARACTERISTICS (Q2 N−CHANNEL) (TJ = 25°C unless otherwise noted) (continued)
0
20
406080
0
2
4
6
8
10
0.1
1
10
100
1000
10000
Crss
Coss
Ciss
0.001
0.01
0.1
1
10
100
1000
1
10
100
25
50
75
100
125
0
32
64
96
128
160
0.1
1
10
0.1
1
10
100
1000
2000
10
−5
10
−4
10
−3
10
−2
10
−1
1
10
100
1000
10000
100
150
Figure 20. Gate Charge Characteristics
Figure 21. Capacitance vs. Drain to Source Voltage
Figure 22. Unclamped Inductive Switching Capability
Figure 23. Maximum Continuous Drain Current vs.
Case Temperature
Figure 24. Forward Bias Safe Operating Area
Figure 25. Single Pulse Maximum Power Dissipation
25
70
Qg, GATE CHARGE (nC)
ID = 40 A
VDD = 13 V
VDD = 10 V
VDD = 15 V
VDS, DRAIN TO SOURCE VOLTAGE (V)
f = 1 MHz
VGS = 0 V
TJ = 125°C
tAV, TIME IN AVALANCHE (ms)
TJ = 25°C
TJ = 100°C
TC, CASE TEMPERATURE (°C)
VGS = 4.5 V
VGS = 10 V
RqJC = 3.3°C/W
t, PULSE WIDTH (s)
CURVE BENT TO
MEASURED DATA
VDS, DRAIN to SOURCE VOLTAGE (V)
SINGLE PULSE
TJ = MAX RATED
RqJC = 3.3°C/W
TC = 25°C
THIS AREA IS LIMITED
BY rDS(on)
10 ms
100 ms
1 ms
10 ms
100 ms/DC
SINGLE PULSE
RqJC = 3.3°C/W
TC = 25°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com