Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FDPC8014AS Datasheet(PDF) 10 Page - ON Semiconductor

Part # FDPC8014AS
Description  MOSFET ??Dual, N-Channel, POWERTRENCH, Power Clip, Asymmetric 25 V
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FDPC8014AS Datasheet(HTML) 10 Page - ON Semiconductor

Back Button FDPC8014AS Datasheet HTML 4Page - ON Semiconductor FDPC8014AS Datasheet HTML 5Page - ON Semiconductor FDPC8014AS Datasheet HTML 6Page - ON Semiconductor FDPC8014AS Datasheet HTML 7Page - ON Semiconductor FDPC8014AS Datasheet HTML 8Page - ON Semiconductor FDPC8014AS Datasheet HTML 9Page - ON Semiconductor FDPC8014AS Datasheet HTML 10Page - ON Semiconductor FDPC8014AS Datasheet HTML 11Page - ON Semiconductor FDPC8014AS Datasheet HTML 12Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
FDPC8014AS
www.onsemi.com
10
ORDERING INFORMATION
Device
Device Marking
Package
Reel Size
Tape Width
Shipping†
FDPC8014AS
FDPC8014AS
Power Clip 56
PDFN8 5x6, 1.27P
(Pb−Free)
13”
12 mm
2000 / Tape & Reel
†For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging
Specifications Brochure, BRD8011/D.
POWERTRENCH is registered trademark and SyncFET is trademark of Semiconductor Components Industries, LLC (SCILLC) or its subsidiaries in the
United States and/or other countries.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com