Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FDPC8014AS Datasheet(PDF) 9 Page - ON Semiconductor

Part # FDPC8014AS
Description  MOSFET ??Dual, N-Channel, POWERTRENCH, Power Clip, Asymmetric 25 V
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FDPC8014AS Datasheet(HTML) 9 Page - ON Semiconductor

Back Button FDPC8014AS Datasheet HTML 4Page - ON Semiconductor FDPC8014AS Datasheet HTML 5Page - ON Semiconductor FDPC8014AS Datasheet HTML 6Page - ON Semiconductor FDPC8014AS Datasheet HTML 7Page - ON Semiconductor FDPC8014AS Datasheet HTML 8Page - ON Semiconductor FDPC8014AS Datasheet HTML 9Page - ON Semiconductor FDPC8014AS Datasheet HTML 10Page - ON Semiconductor FDPC8014AS Datasheet HTML 11Page - ON Semiconductor FDPC8014AS Datasheet HTML 12Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
FDPC8014AS
www.onsemi.com
9
TYPICAL CHARACTERISTICS (Q2 N−CHANNEL) (TJ = 25°C unless otherwise noted) (continued)
10−5
10−4
10−3
10−2
10−1
1
0.001
0.01
0.1
1
2
SINGLE PULSE
DUTY CYCLE−DESCENDING ORDER
PDM
t1
t2
Figure 26. Junction−to−Case Transient Thermal Response Curve
t, RECTANGULAR PULSE DURATION (sec)
D = 0.5
0.2
0.1
0.05
0.02
0.01
NOTES:
ZqJC (t) = r(t) x RqJC
RqJC = 3.3°C/W
DUTY FACTOR: D = t1 / t2
TJ − TC = PDM x ZqJC (t)
TYPICAL CHARACTERISTICS
SyncFET Schottky Body Diode Characteristics
ON Semiconductor’s SyncFET process embeds a
Schottky diode in parallel with POWERTRENCH
MOSFET. This diode exhibits similar characteristics to a
discrete external Schottky diode in parallel with a MOSFET.
Figure 27 shows the reverses recovery characteristic of the
FDPC8014AS.
Schottky barrier diodes exhibit significant leakage at high
temperature and high reverse voltage. This will increase the
power in the device.
Figure 27. FDPC8014AS SyncFET Body Diode Reverse
Recovery Characteristic
Figure 28. SyncFET Body Diode Reverse Leakage vs.
Drain−source Voltage
100
150
200
250
300
350
400
450
500
−10
0
10
20
30
40
50
di/dt = 300 A/ms
TIME (ns)
0
5
10
15
20
10
−6
10
−5
10
−4
10
−3
10
−2
VDS, REVERSE VOLTAGE (V)
25
TJ = 125°C
TJ = 25°C
TJ = 100°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com