Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FDPC8014AS Datasheet(PDF) 5 Page - ON Semiconductor

Part # FDPC8014AS
Description  MOSFET ??Dual, N-Channel, POWERTRENCH, Power Clip, Asymmetric 25 V
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FDPC8014AS Datasheet(HTML) 5 Page - ON Semiconductor

  FDPC8014AS Datasheet HTML 1Page - ON Semiconductor FDPC8014AS Datasheet HTML 2Page - ON Semiconductor FDPC8014AS Datasheet HTML 3Page - ON Semiconductor FDPC8014AS Datasheet HTML 4Page - ON Semiconductor FDPC8014AS Datasheet HTML 5Page - ON Semiconductor FDPC8014AS Datasheet HTML 6Page - ON Semiconductor FDPC8014AS Datasheet HTML 7Page - ON Semiconductor FDPC8014AS Datasheet HTML 8Page - ON Semiconductor FDPC8014AS Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
FDPC8014AS
www.onsemi.com
5
TYPICAL CHARACTERISTICS (Q1 N−CHANNEL) (TJ = 25°C unless otherwise noted) (continued)
Figure 5. Transfer Characteristics
Figure 6. Source to Drain Diode Forward Voltage vs.
Source Current
Figure 7. Gate Charge Characteristics
Figure 8. Capacitance vs. Drain to Source Voltage
Figure 9. Unclamped Inductive Switching Capability
Figure 10. Maximum Continuous Drain Current vs.
Case Temperature
1.0
1.5
2.0
2.5
3.0
0
15
30
45
60
75
VGS, GATE TO SOURCE VOLTAGE (V)
0.0
0.2
0.4
0.6
0.8
1.0
0.001
0.01
0.1
1
10
100
VSD, BODY DIODE FORWARD VOLTAGE (V)
VDS = 5 V
TJ = 150°C
PULSE DURATION = 80 ms
DUTY CIRCLE = 0.5% MAX
TJ = 25°C
TJ = −55°C
VGS = 0 V
TJ = 150°C
TJ = 25°C
TJ = −55°C
0
6
12
18
24
30
0
2
4
6
8
10
Qg, GATE CHARGE (nC)
ID = 20 A
VDD = 13 V
VDD = 10 V
VDD = 15 V
0.1
1
10
25
10
100
1000
10000
VDS, DRAIN TO SOURCE VOLTAGE (V)
Crss
Coss
Ciss
f = 1 MHz
VGS = 0 V
0.001
0.01
0.1
1
10
1
10
30
TJ = 125°C
tAV, TIME IN AVALANCHE (ms)
TJ = 25°C
TJ = 100°C
100
25
50
75
100
125
0
10
20
30
40
50
60
TC, CASE TEMPERATURE (°C)
150
VGS = 4.5 V
VGS = 10 V
RqJC = 6.0°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com