Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FDPC8014AS Datasheet(PDF) 2 Page - ON Semiconductor

Part # FDPC8014AS
Description  MOSFET ??Dual, N-Channel, POWERTRENCH, Power Clip, Asymmetric 25 V
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FDPC8014AS Datasheet(HTML) 2 Page - ON Semiconductor

  FDPC8014AS Datasheet HTML 1Page - ON Semiconductor FDPC8014AS Datasheet HTML 2Page - ON Semiconductor FDPC8014AS Datasheet HTML 3Page - ON Semiconductor FDPC8014AS Datasheet HTML 4Page - ON Semiconductor FDPC8014AS Datasheet HTML 5Page - ON Semiconductor FDPC8014AS Datasheet HTML 6Page - ON Semiconductor FDPC8014AS Datasheet HTML 7Page - ON Semiconductor FDPC8014AS Datasheet HTML 8Page - ON Semiconductor FDPC8014AS Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
FDPC8014AS
www.onsemi.com
2
MOSFET MAXIMUM RATINGS (TA = 25°C, unless otherwise noted)
Symbol
Parameter
Q1
Q2
Unit
VDS
Drain to Source Voltage
25 (Note 4)
25
V
VGS
Gate to Source Voltage
±12
±12
V
ID
Drain Current
−Continuous
TC = 25°C (Note 5)
59
159
A
−Continuous
TC = 100°C (Note 5)
37
100
−Continuous
TA = 25°C
20 (Note 1a)
40 (Note 1b)
−Pulsed
(Note 3)
266
1116
EAS
Single Pulse Avalanche Energy
(Note 2)
73
294
mJ
PD
Power Dissipation for Single Operation
TC = 25°C
21
37
W
Power Dissipation for Single Operation
TA = 25°C
2.1 (Note 1a)
2.3 (Note 1b)
TJ, TSTG Operating and Storage Junction Temperature Range
−55 to +150
°C
Stresses exceeding those listed in the Maximum Ratings table may damage the device. If any of these limits are exceeded, device functionality
should not be assumed, damage may occur and reliability may be affected.
THERMAL CHARACTERISTICS (TA = 25°C, unless otherwise noted)
Symbol
Parameter
Q1
Q2
Unit
RqJC
Thermal Resistance, Junction to Case
6.0
3.3
°C/W
RqJA
Thermal Resistance, Junction to Ambient
60 (Note 1a)
55 (Note 1b)
RqJA
Thermal Resistance, Junction to Ambient
130 (Note 1c)
120 (Note 1d)
1. RθJAis determined with the device mounted on a 1 in2 pad 2 oz copper pad on a 1.5 x 1.5 in. board of FR−4 material. RθJCis guaranteed by
design while R
θCA is determined by the user’s board design.
a. 60°C/W when mounted on
a 1 in2 pad of 2 oz copper
c. 130°C/W when mounted on
a minimum pad of 2 oz copper
b. 55°C/W when mounted on
a 1 in2 pad of 2 oz copper
d. 120°C/W when mounted on
a minimum pad of 2 oz copper
2. Q1: EASof 73 mJ is based on starting TJ = 25°C; N−ch: L = 3 mH, IAS = 7 A, VDD = 30 V, VGS = 10 V. 100% test at L = 0.1 mH, IAS = 24 A.
Q2: EAS of 294 mJ is based on starting TJ = 25°C; N−ch: L = 3 mH, IAS = 14 A, VDD = 25 V, VGS = 10 V. 100% test at L = 0.1 mH, IAS = 46 A.
3. Pulsed Id please refer to Figure 11 and Figure 24 SOA graph for more details.
4. The continuous VDS rating is 25 V; However, a pulse of 30 V peak voltage for no longer than 100 ns duration at 600 kHz frequency can be
applied.
5. Computed continuous current limited to Max Junction Temperature only, actual continuous current will be limited by thermal &
electro−mechanical application board design.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com