Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

56F8335 Datasheet(PDF) 21 Page - Freescale Semiconductor, Inc

Part # 56F8335
Description  16-bit Digital Signal Controller
PDF  160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

56F8335 Datasheet(HTML) 21 Page - Freescale Semiconductor, Inc

Back Button 56F8335 Datasheet HTML 17Page - Freescale Semiconductor, Inc 56F8335 Datasheet HTML 18Page - Freescale Semiconductor, Inc 56F8335 Datasheet HTML 19Page - Freescale Semiconductor, Inc 56F8335 Datasheet HTML 20Page - Freescale Semiconductor, Inc 56F8335 Datasheet HTML 21Page - Freescale Semiconductor, Inc 56F8335 Datasheet HTML 22Page - Freescale Semiconductor, Inc 56F8335 Datasheet HTML 23Page - Freescale Semiconductor, Inc 56F8335 Datasheet HTML 24Page - Freescale Semiconductor, Inc 56F8335 Datasheet HTML 25Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 160 page
background image
Signal Pins
56F8335 Technical Data, Rev. 1
Freescale Semiconductor
21
Preliminary
GPIOD0
(CS2)
42
Input/
Output
Output
Input
Input
Port D GPIO — These six GPIO pins can be individually
programmed as input or output pins.
Chip Select — CS2 - CS7 may be programmed within the EMI
module to act as chip selects for specific areas of the external
memory map. Depending upon the state of the DRV bit in the
EMI bus control register (BCR), CS2 - CS7 are tri-stated when
the external bus is inactive.
After reset, these pins are configured as GPIO.
To deactivate the internal pull-up resistor, clear the appropriate
GPIO bit in the GPIOD_PUR register.
Example: GPIOD0, clear bit 0 in the GPIOD_PUR register.
GPIOD1
(CS3)
43
GPIOD2
(CS4)
44
GPIOD3
(CS5)
45
GPIOD4
(CS6)
46
GPIOD5
(CS7)
47
TXD0
(GPIOE0)
7
Output
Input/
Output
Tri-stated
Input
Transmit Data — SCI0 transmit data output
Port E GPIO — This GPIO pin can be individually programmed
as an input or output pin.
After reset, the default state is SCI output.
To deactivate the internal pull-up resistor, clear bit 0 in the
GPIOE_PUR register.
RXD0
(GPIOE1)
8
Input
Input/
Output
Input
Input
Receive Data — SCI0 receive data input
Port E GPIO — This GPIO pin can be individually programmed
as an input or output pin.
After reset, the default state is SCI output.
To deactivate the internal pull-up resistor, clear bit 1 in the
GPIOE_PUR register.
TXD1
(GPIOD6)
40
Output
Input/
Output
Tri-stated
Input
Transmit Data — SCI1 transmit data output
Port D GPIO — This GPIO pin can be individually programmed
as an input or output pin.
After reset, the default state is SCI output.
To deactivate the internal pull-up resistor, clear bit 6 in the
GPIOD_PUR register.
Table 2-2 Signal and Package Information for the 128-Pin LQFP
Signal
Name
Pin No.
Type
State
During
Reset
Signal Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com