Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

56F8335 Datasheet(PDF) 30 Page - Freescale Semiconductor, Inc

Part # 56F8335
Description  16-bit Digital Signal Controller
PDF  160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

56F8335 Datasheet(HTML) 30 Page - Freescale Semiconductor, Inc

Back Button 56F8335 Datasheet HTML 26Page - Freescale Semiconductor, Inc 56F8335 Datasheet HTML 27Page - Freescale Semiconductor, Inc 56F8335 Datasheet HTML 28Page - Freescale Semiconductor, Inc 56F8335 Datasheet HTML 29Page - Freescale Semiconductor, Inc 56F8335 Datasheet HTML 30Page - Freescale Semiconductor, Inc 56F8335 Datasheet HTML 31Page - Freescale Semiconductor, Inc 56F8335 Datasheet HTML 32Page - Freescale Semiconductor, Inc 56F8335 Datasheet HTML 33Page - Freescale Semiconductor, Inc 56F8335 Datasheet HTML 34Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 160 page
background image
56F8335 Technical Data, Rev. 1
30
Freescale Semiconductor
Preliminary
CAN_RX
121
Schmitt
Input
Input
FlexCAN Receive Data — This is the CAN input. This pin has
an internal pull-up resistor.
To deactivate the internal pull-up resistor, set the CAN bit in the
SIM_PUDR register.
CAN_TX
120
Open
Drain
Output
Output
FlexCAN Transmit Data — CAN output
TC0
(GPIOE8)
111
Schmitt
Input/
Output
Schmitt
Input/
Output
Input
Input
TC0 - 1 — Timer C, Channels 0 and 1
Port E GPIO — These GPIO pins can be individually
programmed as input or output pins.
At reset, these pins default to Timer functionality.
To deactivate the internal pull-up resistor, clear the appropriate
bit of the GPIOE_PUR register. See Part 6.5.6 for details.
TC1
(GPIOE9)
113
TD0
(GPIOE10)
107
Schmitt
Input/
Output
Schmitt
Input/
Output
Input
Input
TD0 - TD3 — Timer D, Channels 0, 1, 2 and 3
Port E GPIO — These GPIO pins can be individually
programmed as input or output pins.
At reset, these pins default to Timer functionality.
To deactivate the internal pull-up resistor, clear the appropriate
bit of the GPIOE_PUR register. See Part 6.5.6 for details.
TD1
(GPIOE11)
108
TD2
(GPIOE12)
109
TD3
(GPIOE13)
110
IRQA
52
Schmitt
Input
Input
External Interrupt Request A and B — The IRQA and IRQB
inputs are asynchronous external interrupt requests during Stop
and Wait mode operation. During other operating modes, they
are synchronized external interrupt requests, which indicate an
external device is requesting service. They can be programmed
to be level-sensitive or negative-edge triggered.
To deactivate the internal pull-up resistor, set the IRQ bit in the
SIM_PUDR register. See Part 6.5.6 for details.
IRQB
53
Table 2-2 Signal and Package Information for the 128-Pin LQFP
Signal
Name
Pin No.
Type
State
During
Reset
Signal Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com