Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

56F8335 Datasheet(PDF) 18 Page - Freescale Semiconductor, Inc

Part # 56F8335
Description  16-bit Digital Signal Controller
PDF  160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

56F8335 Datasheet(HTML) 18 Page - Freescale Semiconductor, Inc

Back Button 56F8335 Datasheet HTML 14Page - Freescale Semiconductor, Inc 56F8335 Datasheet HTML 15Page - Freescale Semiconductor, Inc 56F8335 Datasheet HTML 16Page - Freescale Semiconductor, Inc 56F8335 Datasheet HTML 17Page - Freescale Semiconductor, Inc 56F8335 Datasheet HTML 18Page - Freescale Semiconductor, Inc 56F8335 Datasheet HTML 19Page - Freescale Semiconductor, Inc 56F8335 Datasheet HTML 20Page - Freescale Semiconductor, Inc 56F8335 Datasheet HTML 21Page - Freescale Semiconductor, Inc 56F8335 Datasheet HTML 22Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 160 page
background image
56F8335 Technical Data, Rev. 1
18
Freescale Semiconductor
Preliminary
VSSA_ADC
95
Supply
ADC Analog Ground — This pin supplies an analog ground to
the ADC modules.
OCR_DIS
71
Input
Input
On-Chip Regulator Disable —
Tie this pin to VSS to enable the on-chip regulator
Tie this pin to VDD to disable the on-chip regulator
This pin is intended to be a static DC signal from power-up
to shut down. Do not try to toggle this pin for power savings
during operation.
VCAP1
49
Supply
Supply
VCAP1 - 4 — When OCR_DIS is tied to VSS (regulator enabled),
connect each pin to a 2.2
µF or greater bypass capacitor in order
to bypass the core logic voltage regulator, required for proper
chip operation. When OCR_DIS is tied to VDD (regulator
disabled), these pins become VDD_CORE and should be
connected to a regulated 2.5V power supply.
Note: This bypass is required even if the chip is powered
with an external supply.
VCAP2
122
VCAP3
75
VCAP4
13
VPP1
119
Input
Input
VPP1 - 2 — These pins should be left unconnected as an open
circuit for normal functionality.
VPP2
5
CLKMODE
79
Input
Input
Clock Input Mode Selection — This input determines the
function of the XTAL and EXTAL pins.
1 = External clock input on XTAL is used to directly drive the
input clock of the chip. The EXTAL pin should be grounded.
0 = A crystal or ceramic resonator should be connected between
XTAL and EXTAL.
EXTAL
74
Input
Input
External Crystal Oscillator Input — This input can be
connected to an 8MHz external crystal. Tie this pin low if XTAL is
driven by an external clock source.
XTAL
73
Input/
Output
Chip-driven
Crystal Oscillator Output — This output connects the internal
crystal oscillator output to an external crystal.
If an external clock is used, XTAL must be used as the input and
EXTAL connected to GND.
The input clock can be selected to provide the clock directly to
the core. This input clock can also be selected as the input clock
for the on-chip PLL.
Table 2-2 Signal and Package Information for the 128-Pin LQFP
Signal
Name
Pin No.
Type
State
During
Reset
Signal Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com