Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

56F8335 Datasheet(PDF) 95 Page - Freescale Semiconductor, Inc

Part # 56F8335
Description  16-bit Digital Signal Controller
PDF  160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

56F8335 Datasheet(HTML) 95 Page - Freescale Semiconductor, Inc

Back Button 56F8335 Datasheet HTML 91Page - Freescale Semiconductor, Inc 56F8335 Datasheet HTML 92Page - Freescale Semiconductor, Inc 56F8335 Datasheet HTML 93Page - Freescale Semiconductor, Inc 56F8335 Datasheet HTML 94Page - Freescale Semiconductor, Inc 56F8335 Datasheet HTML 95Page - Freescale Semiconductor, Inc 56F8335 Datasheet HTML 96Page - Freescale Semiconductor, Inc 56F8335 Datasheet HTML 97Page - Freescale Semiconductor, Inc 56F8335 Datasheet HTML 98Page - Freescale Semiconductor, Inc 56F8335 Datasheet HTML 99Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 95 / 160 page
background image
Register Descriptions
56F8335 Technical Data, Rev. 1
Freescale Semiconductor
95
Preliminary
5.6.22
IRQ Pending 4 Register (IRQP4)
Figure 5-24 IRQ Pending 4 Register (IRQP4)
5.6.22.1
IRQ Pending (PENDING)—Bits 80–65
This register combines with the other five to represent the pending IRQs for interrupt vector numbers 2
through 81.
•
0 = IRQ pending for this vector number
•
1 = No IRQ pending for this vector number
5.6.23
IRQ Pending 5 Register (IRQP5)
Figure 5-25 IRQ Pending Register 5 (IRQP5)
5.6.23.1
Reserved—Bits 96–82
This bit field is reserved or not implemented. The bits are read as 1 and cannot be modified by writing.
5.6.23.2
IRQ Pending (PENDING)—Bit 81
This register combines with the other five to represent the pending IRQs for interrupt vector numbers 2
through 81.
•
0 = IRQ pending for this vector number
•
1 = No IRQ pending for this vector number
5.6.24
Reserved—Base + 17
5.6.25
Reserved—Base + 18
5.6.26
Reserved—Base + 19
5.6.27
Reserved—Base + 1A
5.6.28
Reserved—Base + 1B
5.6.29
Reserved—Base + 1C
Base + $15
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Read
PENDING [80:65]
Write
RESET
11111
1111111
1111
Base + $16
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Read
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
PEND-
ING
[81]
Write
RESET
1
1
1
1
1
111
11
11
11
1
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com