Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

56F8335 Datasheet(PDF) 91 Page - Freescale Semiconductor, Inc

Part # 56F8335
Description  16-bit Digital Signal Controller
PDF  160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

56F8335 Datasheet(HTML) 91 Page - Freescale Semiconductor, Inc

Back Button 56F8335 Datasheet HTML 87Page - Freescale Semiconductor, Inc 56F8335 Datasheet HTML 88Page - Freescale Semiconductor, Inc 56F8335 Datasheet HTML 89Page - Freescale Semiconductor, Inc 56F8335 Datasheet HTML 90Page - Freescale Semiconductor, Inc 56F8335 Datasheet HTML 91Page - Freescale Semiconductor, Inc 56F8335 Datasheet HTML 92Page - Freescale Semiconductor, Inc 56F8335 Datasheet HTML 93Page - Freescale Semiconductor, Inc 56F8335 Datasheet HTML 94Page - Freescale Semiconductor, Inc 56F8335 Datasheet HTML 95Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 160 page
background image
Register Descriptions
56F8335 Technical Data, Rev. 1
Freescale Semiconductor
91
Preliminary
5.6.11.2
Interrupt Vector Base Address (VECTOR BASE ADDRESS)—
Bits 12–0
The contents of this register determine the location of the Vector Address Table. The value in this register
is used as the upper 13 bits of the interrupt Vector Address Bus (VAB[20:0]). The lower eight bits are
determined based upon the highest-priority interrupt. They are then appended onto VBA before presenting
the full interrupt address to the 56800E core; see Part 5.3.1 for details.
5.6.12
Fast Interrupt 0 Match Register (FIM0)
Figure 5-14 Fast Interrupt 0 Match Register (FIM0)
5.6.12.1
Reserved—Bits 15–7
This bit field is reserved or not implemented. It is read as 0 and cannot be modified by writing.
5.6.12.2
Fast Interrupt 0 Vector Number (FAST INTERRUPT 0)—Bits 6–0
This value determines which IRQ will be a Fast Interrupt 0. Fast interrupts vector directly to a service
routine based on values in the Fast Interrupt Vector Address registers without having to go to a jump table
first; see Part 5.3.3. IRQs used as fast interrupts must be set to priority level 2. Unexpected results will
occur if a fast interrupt vector is set to any other priority. Fast interrupts automatically become the
highest-priority level 2 interrupt, regardless of their location in the interrupt table, prior to being declared
as fast interrupt. Fast Interrupt 0 has priority over Fast Interrupt 1. To determine the vector number of each
IRQ, refer to Table 4-5.
5.6.13
Fast Interrupt 0 Vector Address Low Register (FIVAL0)
Figure 5-15 Fast Interrupt 0 Vector Address Low Register (FIVAL0)
5.6.13.1
Fast Interrupt 0 Vector Address Low (FIVAL0)—Bits 15–0
The lower 16 bits of the vector address used for Fast Interrupt 0. This register is combined with FIVAH0
to form the 21-bit vector address for Fast Interrupt 0 defined in the FIM0 register.
Base + $B
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Read
0
0
0
0
0
0
0
0
0
FAST INTERRUPT 0
Write
RESET
00000
0000000
0000
Base + $C
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Read
FAST INTERRUPT 0
VECTOR ADDRESS LOW
Write
RESET
00000
0000000
0000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com