Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

56F8335 Datasheet(PDF) 17 Page - Freescale Semiconductor, Inc

Part # 56F8335
Description  16-bit Digital Signal Controller
PDF  160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

56F8335 Datasheet(HTML) 17 Page - Freescale Semiconductor, Inc

Back Button 56F8335 Datasheet HTML 13Page - Freescale Semiconductor, Inc 56F8335 Datasheet HTML 14Page - Freescale Semiconductor, Inc 56F8335 Datasheet HTML 15Page - Freescale Semiconductor, Inc 56F8335 Datasheet HTML 16Page - Freescale Semiconductor, Inc 56F8335 Datasheet HTML 17Page - Freescale Semiconductor, Inc 56F8335 Datasheet HTML 18Page - Freescale Semiconductor, Inc 56F8335 Datasheet HTML 19Page - Freescale Semiconductor, Inc 56F8335 Datasheet HTML 20Page - Freescale Semiconductor, Inc 56F8335 Datasheet HTML 21Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 160 page
background image
Signal Pins
56F8335 Technical Data, Rev. 1
Freescale Semiconductor
17
Preliminary
2.2 Signal Pins
After reset, each pin is configured for its primary function (listed first). Any alternate functionality must
be programmed.
EMI is not functional in this package; since only part of the address/data bus is bonded out, use as GPIO
pins.
Note: Signals in italics are NOT available in the 56F8135 device.
If the “State During Reset” lists more than one state for a pin, the first state is the actual reset state. Other
states show the reset condition of the alternate function, which you get if the alternate pin function is
selected without changing the configuration of the alternate peripheral. For example, the A8/GPIOA0 pin
shows that it is tri-stated during reset. If the GPIOA_PER is changed to select the GPIO function of the
pin, it will become an input if no other registers are changed.
Table 2-2 Signal and Package Information for the 128-Pin LQFP
Signal
Name
Pin No.
Type
State
During
Reset
Signal Description
VDD_IO
4
Supply
I/O Power — This pin supplies 3.3V power to the chip I/O
interface and also the Processor core throught the on-chip
voltage regulator, if it is enabled.
VDD_IO
14
VDD_IO
25
VDD_IO
36
VDD_IO
62
VDD_IO
76
VDD_IO
112
VDDA_ADC
94
Supply
ADC Power — This pin supplies 3.3V power to the ADC
modules. It must be connected to a clean analog power supply.
VDDA_OSC_
PLL
72
Supply
Oscillator and PLL Power — This pin supplies 3.3V power to
the OSC and to the internal regulator that in turn supplies the
Phase Locked Loop. It must be connected to a clean analog
power supply.
VSS
3
Supply
Ground — These pins provide ground for chip logic and I/O
drivers.
VSS
21
VSS
35
VSS
59
VSS
65



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com