Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

56F8335 Datasheet(PDF) 14 Page - Freescale Semiconductor, Inc

Part # 56F8335
Description  16-bit Digital Signal Controller
PDF  160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

56F8335 Datasheet(HTML) 14 Page - Freescale Semiconductor, Inc

Back Button 56F8335 Datasheet HTML 10Page - Freescale Semiconductor, Inc 56F8335 Datasheet HTML 11Page - Freescale Semiconductor, Inc 56F8335 Datasheet HTML 12Page - Freescale Semiconductor, Inc 56F8335 Datasheet HTML 13Page - Freescale Semiconductor, Inc 56F8335 Datasheet HTML 14Page - Freescale Semiconductor, Inc 56F8335 Datasheet HTML 15Page - Freescale Semiconductor, Inc 56F8335 Datasheet HTML 16Page - Freescale Semiconductor, Inc 56F8335 Datasheet HTML 17Page - Freescale Semiconductor, Inc 56F8335 Datasheet HTML 18Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 160 page
background image
56F8335 Technical Data, Rev. 1
14
Freescale Semiconductor
Preliminary
Part 2 Signal/Connection Descriptions
2.1 Introduction
The input and output signals of the 56F8335 and 56F8135 are organized into functional groups, as detailed
in Table 2-2 and as illustrated in Figure 2-1. In Table 2-2, each table row describes the signal or signals
present on a pin.
Table 2-1 Functional Group Pin Allocations
Functional Group
Number of Pins in Package
56F8335
56F8135
Power (VDD or VDDA)
99
Power Option Control
11
Ground (VSS or VSSA)
66
Supply Capacitors1 & VPP
1. If the on-chip regulator is disabled, the VCAP pins serve as 2.5V VDD_CORE power inputs
66
PLL and Clock
44
Bus Control
66
Interrupt and Program Control
44
Pulse Width Modulator (PWM) Ports
26
13
Serial Peripheral Interface (SPI) Port 0
44
Serial Peripheral Interface (SPI) Port 1
—4
Quadrature Decoder Port 02
2. Alternately, can function as Quad Timer pins or GPIO
44
Quadrature Decoder Port 13
3. Pins in this section can function as Quad Timer, SPI 1, orGPIO
4—
Serial Communications Interface (SCI) Ports
44
CAN Ports
2—
Analog-to-Digital Converter (ADC) Ports
21
21
Timer Module Ports
64
JTAG/Enhanced On-Chip Emulation (EOnCE)
55
Temperature Sense
1—
Dedicated GPIO ( Address Bus = 11; Data Bus = 44)
4. EMI not functional in these packages; use as GPIO pins.
Note: See Table 1-1 for 56F8135 functional differences.
28
28



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com