Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

56F8335 Datasheet(PDF) 99 Page - Freescale Semiconductor, Inc

Part # 56F8335
Description  16-bit Digital Signal Controller
PDF  160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

56F8335 Datasheet(HTML) 99 Page - Freescale Semiconductor, Inc

Back Button 56F8335 Datasheet HTML 95Page - Freescale Semiconductor, Inc 56F8335 Datasheet HTML 96Page - Freescale Semiconductor, Inc 56F8335 Datasheet HTML 97Page - Freescale Semiconductor, Inc 56F8335 Datasheet HTML 98Page - Freescale Semiconductor, Inc 56F8335 Datasheet HTML 99Page - Freescale Semiconductor, Inc 56F8335 Datasheet HTML 100Page - Freescale Semiconductor, Inc 56F8335 Datasheet HTML 101Page - Freescale Semiconductor, Inc 56F8335 Datasheet HTML 102Page - Freescale Semiconductor, Inc 56F8335 Datasheet HTML 103Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 99 / 160 page
background image
Operating Modes
56F8335 Technical Data, Rev. 1
Freescale Semiconductor
99
Preliminary
6.3 Operating Modes
Since the SIM is responsible for distributing clocks and resets across the chip, it must understand the
various chip operating modes and take appropriate action. These are:
•
Reset Mode, which has two submodes:
— POR and RESET operation
The 56800E core and all peripherals are reset. This occurs when the internal POR is asserted or the
RESET pin is asserted.
— COP reset and software reset operation
The 56800E core and all peripherals are reset. The MA bit within the OMR is not changed. This allows
the software to determine the boot mode (internal or external boot) to be used on the next reset.
•
Run Mode
This is the primary mode of operation for this device. In this mode, the 56800E controls chip operation.
•
Debug Mode
The 56800E is controlled via JTAG/EOnCE when in debug mode. All peripherals, except the COP and
PWMs, continue to run. COP is disabled and PWM outputs are optionally switched off to disable any motor
from being driven; see the PWM chapter in the 56F8300 Peripheral User Manual for details.
•
Wait Mode
In Wait mode, the core clock and memory clocks are disabled. Optionally, the COP can be stopped.
Similarly, it is an option to switch off PWM outputs to disable any motor from being driven. All other
peripherals continue to run.
•
Stop Mode
When in Stop mode, the 56800E core, memory and most peripheral clocks are shut down. Optionally, the
COP and CAN can be stopped. For lowest power consumption in Stop mode, the PLL can be shut down.
This must be done explicitly before entering Stop mode, since there is no automatic mechanism for this. The
CAN (along with any non-gated interrupt) is capable of waking the chip up from Stop mode, but is not fully
functional in Stop mode.
6.4 Operating Mode Register
Figure 6-1 OMR
The reset state for MB and MA will depend on the Flash secured state. See Part 4.2 and Part 7 for detailed
information on how the Operating Mode Register (OMR) MA and MB bits operate in this device. For
additional information on the EX bit, see Part 4.4. For all other bits, see the DSP56F800E Reference
Manual.
Note:
The OMR is not a Memory Map register; it is directly accessible in code through the acronym OMR.
Bit
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
NL
CM
XP
SD
R
SA
EX
0
MB
MA
Type
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
RESET
0
0
0000
0
0
0
0
0
0
0
0
X
X



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com