Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

56F8335 Datasheet(PDF) 16 Page - Freescale Semiconductor, Inc

Part # 56F8335
Description  16-bit Digital Signal Controller
PDF  160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

56F8335 Datasheet(HTML) 16 Page - Freescale Semiconductor, Inc

Back Button 56F8335 Datasheet HTML 12Page - Freescale Semiconductor, Inc 56F8335 Datasheet HTML 13Page - Freescale Semiconductor, Inc 56F8335 Datasheet HTML 14Page - Freescale Semiconductor, Inc 56F8335 Datasheet HTML 15Page - Freescale Semiconductor, Inc 56F8335 Datasheet HTML 16Page - Freescale Semiconductor, Inc 56F8335 Datasheet HTML 17Page - Freescale Semiconductor, Inc 56F8335 Datasheet HTML 18Page - Freescale Semiconductor, Inc 56F8335 Datasheet HTML 19Page - Freescale Semiconductor, Inc 56F8335 Datasheet HTML 20Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 160 page
background image
56F8335 Technical Data, Rev. 1
16
Freescale Semiconductor
Preliminary
Figure 2-2 56F8135 Signals Identified by Functional Group1 (128-Pin LQFP)
1. Alternate pin functionality is shown in parenthesis; pin direction/type shown is the default functionality.
VDD_IO
VDDA_OSC_PLL
VSS
VSSA_ADC
Other
Supply
Ports
PLL
and
Clock
*External
Address
Bus
or GPIO
*External
Data Bus
*External
Bus
Control
SCI0 or
GPIOE
SCI1 or
GPIO
JTAG/
EOnCE
Port
5
1
7
1
1
VCAP1 - VCAP4
VPP1 & VPP2
4
2
Power
Power
Power
Ground
Ground
1
1
1
A8 - A13 (GPIOA0 - 5)
D7 - D10 (GPIOF0 - 3)
GPIOD0 - 5 (CS2 - 7)
TXD1 (GPIOD6)
RXD1 (GPIOD7)
Quadrature
Decoder 0
or Quad
Timer A or
GPIO
PHASEB0(TA1, GPIOC5)
INDEX0 (TA2, GPIOC6)
HOME0 (TA3, GPIOC7)
(GPIOC8 - 10)
FAULTB0-3
PWMB0 - 5
ANA0 - 7
(GPIOE10 - 13)
IRQA
IRQB
RESET
RSTO
SPI0 or
GPIO
SPI1 or
GPIO
6
5
4
1
1
1
1
1
1
1
1
1
3
3
8
5
4
GPIOB0-4 (A16 - 20)
6
EXTAL
XTAL
CLKO
1
7
1
1
1
1
TXD0 (GPIOE0)
RXD0 (GPIOE1)
TCK
TMS
TDI
TDO
TRST
SCLK0 (GPIOE4)
MOSI0 (GPIOE5)
MISO0 (GPIOE6)
SS0 (GPIOE7)
(MOSI1, GPIOC1)
(MISO1, GPIOC2)
(SS1,GPIOC3)
ISB0 - 2 (GPIOD10 - 12)
ANB0 - 7
TC0 - 1 (GPIOE8 - 9)
GPIO
PWMB
ADCB
ADCA
Interrupt/
Program
Control
(SCLK1, GPIOC0)
6
4
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
6
4
8
2
1
1
1
1
VREF
CLKMODE
1
* EMI not functional in this package; use as GPIO pins
OCR_DIS
VDDA_ADC
1
56F8135
PHASEA0 (TA0, GPIOC4)
QUAD
Timer C or
GPIO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com