Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

56F8335 Datasheet(PDF) 104 Page - Freescale Semiconductor, Inc

Part # 56F8335
Description  16-bit Digital Signal Controller
PDF  160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

56F8335 Datasheet(HTML) 104 Page - Freescale Semiconductor, Inc

Back Button 56F8335 Datasheet HTML 100Page - Freescale Semiconductor, Inc 56F8335 Datasheet HTML 101Page - Freescale Semiconductor, Inc 56F8335 Datasheet HTML 102Page - Freescale Semiconductor, Inc 56F8335 Datasheet HTML 103Page - Freescale Semiconductor, Inc 56F8335 Datasheet HTML 104Page - Freescale Semiconductor, Inc 56F8335 Datasheet HTML 105Page - Freescale Semiconductor, Inc 56F8335 Datasheet HTML 106Page - Freescale Semiconductor, Inc 56F8335 Datasheet HTML 107Page - Freescale Semiconductor, Inc 56F8335 Datasheet HTML 108Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 104 / 160 page
background image
56F8335 Technical Data, Rev. 1
104
Freescale Semiconductor
Preliminary
6.5.5
Least Significant Half of JTAG ID (SIM_LSH_ID)
This read-only register displays the least significant half of the JTAG ID for the chip. This register reads
$401D.
Figure 6-7 Least Significant Half of JTAG ID (SIM_LSH_ID)
6.5.6
SIM Pull-up Disable Register (SIM_PUDR)
Most of the pins on the chip have on-chip pull-up resistors. Pins which can operate as GPIO can have these
resistors disabled via the GPIO function. Non-GPIO pins can have their pull-ups disabled by setting the
appropriate bit in this register. Disabling pull-ups is done on a peripheral-by-peripheral basis (for pins not
muxed with GPIO). Each bit in the register (see Figure 6-8) corresponds to a functional group of pins. See
Table 2-2 to identify which pins can deactivate the internal pull-up resistor.
Figure 6-8 SIM Pull-up Disable Register (SIM_PUDR)
6.5.6.1
Reserved—Bit 15
This bit field is reserved or not implemented. It is read as 0 and cannot be modified by writing.
6.5.6.2
PWMA1—Bit 14
This bit controls the pull-up resistors on the FAULTA3 pin.
6.5.6.3
CAN—Bit 13
This bit controls the pull-up resistors on the CAN_RX pin.
6.5.6.4
EMI_MODE—Bit 12
This bit controls the pull-up resistors on the EMI_MODE pin.
Note:
In this package, this input pin is double-bonded with the adjacent VSS pin and this bit should be
changed to a 1 in order to reduce power consumption.
6.5.6.5
RESET—Bit 11
This bit controls the pull-up resistors on the RESET pin.
Base + $7
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Read
0
1
0
0
0
0
0
0
0
0
0
1
1
1
0
1
Write
RESET
0
1
0
0
0
0
0
0
000
1
110
1
Base + $8
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Read
0
PWMA1
CAN
EMI_
MODE
RESET
IRQ
XBOOT
PWMB
PWMA0
0
CTRL
0
JTAG
0
0
0
Write
RESET
00
0
0
0
0
0
0
0
0
0
0
0
0
0
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com