Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DLPA2000 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # DLPA2000
Description  DLPC3420 Display Controller
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DLPA2000 Datasheet(HTML) 4 Page - Texas Instruments

  DLPA2000 Datasheet HTML 1Page - Texas Instruments DLPA2000 Datasheet HTML 2Page - Texas Instruments DLPA2000 Datasheet HTML 3Page - Texas Instruments DLPA2000 Datasheet HTML 4Page - Texas Instruments DLPA2000 Datasheet HTML 5Page - Texas Instruments DLPA2000 Datasheet HTML 6Page - Texas Instruments DLPA2000 Datasheet HTML 7Page - Texas Instruments DLPA2000 Datasheet HTML 8Page - Texas Instruments DLPA2000 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 63 page
background image
Table 5-1. Test Pins and General Control
PIN
I/O
TYPE(4)
DESCRIPTION
NAME
NO.
HWTEST_EN
C10
I
6
Manufacturing test enable signal. Connect this signal directly to ground on the
PCB for normal operation.
PARKZ
C13
I
6
DMD fast park control (active low Input with a hysteresis buffer). This signal
is used to quickly park the DMD when loss of power is imminent. The
longest lifetime of the DMD may not be achieved with the fast park operation;
therefore, this signal is intended to only be asserted when a normal park
operation is unable to be completed. The PARKZ signal is typically provided
from the DLPAxxxx interrupt output signal.
JTAGTCK
P12
I
6
TI internal use. Leave this pin unconnected.
JTAGTDI
P13
I
6
TI internal use. Leave this pin unconnected.
JTAGTDO1
N13(1)
O
1
TI internal use. Leave this pin unconnected.
JTAGTDO2
N12(1)
O
1
TI internal use. Leave this pin unconnected.
JTAGTMS1
M13
I
6
TI internal use. Leave this pin unconnected.
JTAGTMS2
N11
I
6
TI internal use. Leave this pin unconnected.
JTAGTRSTZ
P11
I
6
TI internal use.
This pin must be tied to ground, through an external resistor for normal
operation. Failure to tie this pin low during normal operation can cause start
up and initialization problems.(2)
RESETZ
C11
I
6
Power-on reset (active low input with a hysteresis buffer). Self-configuration
starts when a low-to-high transition is detected on RESETZ. All controller
power and clocks must be stable before this reset is de-asserted. No signals
are in their active state while RESETZ is asserted. This pin is typically
connected to the RESETZ pin of the DLPA200x.
TSTPT_0
R12
I/O
1
Test pins (includes weak internal pulldown). Pins are tri-stated while
RESETZ is asserted low. Sampled as an input test mode selection control
approximately 1.5 µs after de-assertion of RESETZ, and then driven as
outputs.(2) (3)
Normal use: reserved for test output. Leave open for normal use.
Note: An external pullup may put the DLPC34xx in a test mode. See Section
7.3.6 for more information.
TSTPT_1
R13
I/O
1
TSTPT_2
R14
I/O
1
TSTPT_3
R15
I/O
1
TSTPT_4
P14
I/O
1
TSTPT_5
P15
I/O
1
TSTPT_6
N14
I/O
1
TSTPT_7
N15
I/O
1
(1)
If the application design does not require an external pullup, and there is no external logic that can overcome the weak internal
pulldown resistor, then this I/O pin can be left open or unconnected for normal operation. If the application design does not require
an external pullup, but there is external logic that might overcome the weak internal pulldown resistor, then an external pulldown is
recommended to ensure a logic low.
(2)
External resistor must have a value of 8 kΩ or less to compensate for pins that provide internal pullup or pulldown resistors.
(3)
If the application design does not require an external pullup and there is no external logic that can overcome the weak internal
pulldown, then the TSTPT I/O can be left open (unconnected) for normal operation. If operation does not call for an external pullup, but
there is external logic that might overcome the weak internal pulldown resistor, then an external pulldown resistor is recommended to
ensure a logic low.
(4)
See Table 5-11 for type definitions.
Table 5-2. Parallel Port Input
PIN(1) (2)
I/O
TYPE(4)
DESCRIPTION
NAME
NO.
PARALLEL RGB MODE
BT656 INTERFACE MODE
PCLK
P3
I
11
Pixel clock
Pixel clock
PDM_CVS_TE
N4
I/O
5
Parallel data mask. Programable
polarity with default of active high.
Optional signal.
Unused
VSYNC_WE
P1
I
11
Vsync(3)
Unused
HSYNC_CS
N5
I
11
Hsync(3)
Unused
DATAEN_CMD
P2
I
11
Data valid
Unused
DLPC3420
DLPS232 – OCTOBER 2021
www.ti.com
4
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: DLPC3420



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com