Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DLPA2000 Datasheet(PDF) 14 Page - Texas Instruments

Click here to check the latest version.
Part # DLPA2000
Description  DLPC3420 Display Controller
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DLPA2000 Datasheet(HTML) 14 Page - Texas Instruments

Back Button DLPA2000 Datasheet HTML 10Page - Texas Instruments DLPA2000 Datasheet HTML 11Page - Texas Instruments DLPA2000 Datasheet HTML 12Page - Texas Instruments DLPA2000 Datasheet HTML 13Page - Texas Instruments DLPA2000 Datasheet HTML 14Page - Texas Instruments DLPA2000 Datasheet HTML 15Page - Texas Instruments DLPA2000 Datasheet HTML 16Page - Texas Instruments DLPA2000 Datasheet HTML 17Page - Texas Instruments DLPA2000 Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 63 page
background image
6.6 Pin Electrical Characteristics
over operating free-air temperature range (unless otherwise noted)
PARAMETER(1)
TEST
CONDITIONS(2)
MIN
TYP
MAX UNIT
VIH
High-level input
threshold voltage
I2C buffer (I/O type 7)
0.7 ×
VCC_INTF
See (3)
V
I/O type 1, 2, 3, 6, 8 except pins
noted in (4)
VCC18 = 1.8 V
1.17
3.6
I/O type 1, 6 for pins noted in (4)
VCC18 = 1.8 V
1.3
3.6
I/O type 5, 9, 11
VCC_INTF = 1.8 V
1.17
3.6
I/O type 12, 13
VCC_FLSH = 1.8 V
1.17
3.6
I/O type 5, 9, 11
VCC_INTF = 2.5 V
1.7
3.6
I/O type 12, 13
VCC_FLSH = 2.5 V
1.7
3.6
I/O type 5, 9, 11
VCC_INTF = 3.3 V
2.0
3.6
I/O type 12, 13
VCC_FLSH = 3.3 V
2.0
3.6
VIL
Low-level input
threshold voltage
I2C buffer (I/O type 7)
–0.5
0.3 ×
VCC_INTF
V
I/O type 1, 2, 3, 6, 8 except pins
noted in (4)
VCC18 = 1.8 V
–0.3
0.63
I/O type 1, 6 for pins noted in (4)
VCC18 = 1.8 V
–0.3
0.5
I/O type 5, 9, 11
VCC_INTF = 1.8 V
–0.3
0.63
I/O type 12, 13
VCC_FLSH = 1.8 V
–0.3
0.63
I/O type 5, 9, 11
VCC_INTF = 2.5 V
–0.3
0.7
I/O type 12, 13
VCC_FLSH = 2.5 V
–0.3
0.7
I/O type 5, 9, 11
VCC_INTF = 3.3 V
–0.3
0.8
I/O type 12, 13
VCC_FLSH = 3.3 V
–0.3
0.8
VOH
High-level output
voltage
I/O type 1, 2, 3, 6, 8
VCC18 = 1.8 V
1.35
V
I/O type 5, 9, 11
VCC_INTF = 1.8 V
1.35
I/O type 12, 13
VCC_FLSH = 1.8 V
1.35
I/O type 5, 9, 11
VCC_INTF = 2.5 V
1.7
I/O type 12, 13
VCC_FLSH = 2.5 V
1.7
I/O type 5, 9, 11
VCC_INTF = 3.3 V
2.4
I/O type 12, 13
VCC_FLSH = 3.3 V
2.4
VOL
Low-level output
voltage
I2C buffer (I/O type 7)
VCC_INTF > 2 V
0.4
V
I2C buffer (I/O type 7)
VCC_INTF < 2 V
0.2 ×
VCC_INTF
I/O type 1, 2, 3, 6, 8
VCC18 = 1.8 V
0.45
I/O type 5, 9, 11
VCC_INTF = 1.8 V
0.45
I/O type 12, 13
VCC_FLSH = 1.8 V
0.45
I/O type 5, 9, 11
VCC_INTF = 2.5 V
0.7
I/O type 12, 13
VCC_FLSH = 2.5 V
0.7
I/O type 5, 9, 11
VCC_INTF = 3.3 V
0.4
I/O type 12, 13
VCC_FLSH = 3.3 V
0.4
DLPC3420
DLPS232 – OCTOBER 2021
www.ti.com
14
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: DLPC3420



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com