Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DLPA2000 Datasheet(PDF) 48 Page - Texas Instruments

Click here to check the latest version.
Part # DLPA2000
Description  DLPC3420 Display Controller
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DLPA2000 Datasheet(HTML) 48 Page - Texas Instruments

Back Button DLPA2000 Datasheet HTML 44Page - Texas Instruments DLPA2000 Datasheet HTML 45Page - Texas Instruments DLPA2000 Datasheet HTML 46Page - Texas Instruments DLPA2000 Datasheet HTML 47Page - Texas Instruments DLPA2000 Datasheet HTML 48Page - Texas Instruments DLPA2000 Datasheet HTML 49Page - Texas Instruments DLPA2000 Datasheet HTML 50Page - Texas Instruments DLPA2000 Datasheet HTML 51Page - Texas Instruments DLPA2000 Datasheet HTML 52Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 63 page
background image
10 Layout
10.1 Layout Guidelines
For a summary of the PCB design requirements for the DLPC34xx controller see PCB Design Requirements for
TI DLP Pico TRP Digital Micromirror Devices. Some applications (such as high frame rate video) may require the
use of 1-oz (or greater) copper planes to manage the controller package heat.
10.1.1 PLL Power Layout
Follow these recommended guidelines to achieve acceptable controller performance for the internal PLL.
The DLPC34xx controller contains two internal PLLs which have dedicated analog supplies (VDD_PLLM,
VSS_PLLM, VDD_PLLD, and VSS_PLLD). At a minimum, isolate the VDD_PLLx power and VSS_PLLx ground
pins using a simple passive filter consisting of two series ferrite beads and two shunt capacitors (to widen
the spectrum of noise absorption). It’s recommended that one capacitor be 0.1 µF and one be 0.01 µF. Place
all four components as close to the controller as possible. It’s especially important to keep the leads of the
high frequency capacitors as short as possible. Connect both capacitors from VDD_PLLM to VSS_PLLM and
VDD_PLLD to VSS_PLLD on the controller side of the ferrite beads.
Select ferrite beads with these characteristics:
• DC resistance less than 0.40 Ω
• Impedance at 10 MHz equal to or greater than 180 Ω
• Impedance at 100 MHz equal to or greater than 600 Ω
The PCB layout is critical to PLL performance. It is vital that the quiet ground and power are treated like analog
signals. Therefore, VDD_PLLM and VDD_PLLD must be a single trace from the DLPC34xx controller to both
capacitors and then through the series ferrites to the power source. Make the power and ground traces as short
as possible, parallel to each other, and as close as possible to each other.
DLPC3420
DLPS232 – OCTOBER 2021
www.ti.com
48
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: DLPC3420



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com